Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3202VS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3202VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3202VS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS90C3202VS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS90C3202
www.ti.com
SNLS191D – APRIL 2005 – REVISED APRIL 2013
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CMOS/TTL DC SPECIFICATIONS (Rx outputs, control inputs and outputs)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
VOH
High Level Output Voltage
Rx clock out
IOH = −4 mA
2.4
V
Rx data out
IOH = −2 mA
VOL
Low Level Output Voltage
Rx clock out
IOL = +4 mA
0.4
V
Rx data out
IOL = +2 mA
VCL
Input Clamp Voltage
ICL = −18 mA
−0.8
−1.5
V
IIN
Input Current
VIN = VDD
+10
µA
VIN = 0V
−10
µA
IOS
Output Short Circuit Current
VOUT = 0V
−120
mA
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential Input High Threshold VCM = +1.2V
+100
mV
VTL
Differential Input Low Threshold
−100
mV
VIN
Input Voltage Range (Single-
0
VDD
V
ended)
|VID|
Differential Input Voltage
0.200
0.600
V
VCM
Differential Common Mode
0.2
1.2
VDD−0.1
V
Voltage
IIN
Input Current
VIN = +2.4V, VDD = 3.6V
±10
µA
VIN = 0V, VDD = 3.6V
±10
µA
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current, Worst
CL = 8 pF,
f = 8 MHz
65
130
mA
Case
Worst Case Pattern,
f = 135 MHz
375
550
mA
(Figure 4 , Figure 6)
Default Register Settings
ICCRG
Receiver Supply Current,
CL = 8 pF,
f = 8 MHz
55
120
mA
Incremental Test Pattern
Worst Case Pattern,
f = 135 MHz
245
400
mA
(Figure 5 , Figure 6)
Default Register Settings
ICCRZ
Receiver Supply Current, Power PDWNB = Low,
2
mA
Down
Receiver Outputs stay low during
Powerdown mode,
Default Register Settings
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90C3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com