Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3202VS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3202VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3202VS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS90C3202VS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 11Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 12Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 13Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 14Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 15Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 16Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RXOD+/-
OD1-1
OD0-1
OD6
OD5
OD4
OD3
OD2
OD1
OD0
RXOC+/-
OC1-1
OC0-1
OC6
OC5
OC4
OC3
OC2
OC1
OC0
RXOB+/-
OB1-1
OB0-1
OB6
OB5
OB4
OB3
OB2
OB1
OB0
RXOA+/-
OA1-1
OA0-1
OA6
OA5
OA4
OA3
OA2
OA1
OA0
Next
cycle
Previous
cycle
VDIFF = 0V
VDIFF = 0V
RCLK IN
Current
Cycle
RXEC+/-
EC1-1
EC0-1
EC6
EC5
EC4
EC3
EC2
EC1
EC0
RXEB+/-
EB1-1
EB0-1
EB6
EB5
EB4
EB3
EB2
EB1
EB0
RXEA+/-
RXOE+/-
OE1-1
OE0-1
OE6
OE5
OE4
OE3
OE2
OE1
OE0
RXEE+/-
EE1-1
EE0-1
EE6
EE5
EE4
EE3
EE2
EE1
EE0
RXED+/-
ED1-1
ED0-1
ED6
ED5
ED4
ED3
ED2
ED1
ED0
EA1-1
EA0-1
EA6
EA5
EA4
EA3
EA2
EA1
EA0
(Differential)
DS90C3202
www.ti.com
SNLS191D – APRIL 2005 – REVISED APRIL 2013
AC Timing Diagrams (continued)
Figure 17. LVDS Input Mapping
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DS90C3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com