Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS99R101VS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button DS99R101VS/NOPB Datasheet HTML 13Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 14Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 15Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 16Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 17Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 18Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 19Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 20Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DS99R101, DS99R102
www.ti.com
SNLS240D – MARCH 2007 – REVISED APRIL 2013
Serialized data and clock/control bits (24+4 bits) are transmitted from the serial data output (DOUT±) at 28 times
the TCLK frequency. For example, if TCLK is , the serial rate is 40 x 28 = 1.12 Giga bits per second. Since only
24 bits are from input data, the serial “payload” rate is 24 times the TCLK frequency. For instance, if TCLK = 40
MHz, the payload data rate is 40 x 24 = 960 Mbps. TCLK is provided by the data source and must be in the
range of 3 MHz to 40 MHz nominal. The Serializer outputs (DOUT±) can drive a point-to-point connection as
shown in Figure 19. The outputs transmit data when the enable pin (DEN) is high and TPWDNB is high. The
DEN pin may be used to TRI-STATE the outputs when driven low.
When the Deserializer channel attains lock to the input from a Serializer, it drives its LOCK pin high and
synchronously delivers valid data and recovered clock on the output. The Deserializer locks onto the embedded
clock, uses it to generate multiple internal data strobes, and then drives the recovered clock to the RCLK pin.
The recovered clock (RCLK output pin) is synchronous to the data on the ROUT[23:0] pins. While LOCK is high,
data on ROUT[23:0] is valid. Otherwise, ROUT[23:0] is invalid. The polarity of the RCLK edge is controlled by the
RRFB input. ROUT(0-23), LOCK and RCLK outputs will each drive a maximum of 8 pF load with a 40 MHz clock.
REN controls TRI-STATE for ROUTn and the RCLK pin on the Deserializer.
RESYNCHRONIZATION
If the Deserializer loses lock, it will automatically try to re-establish lock. For example, if the embedded clock
edge is not detected one time in succession, the PLL loses lock and the LOCK pin is driven low. The Deserializer
then enters the operating mode where it tries to lock to a random data stream. It looks for the embedded clock
edge, identifies it and then proceeds through the locking process.
The logic state of the LOCK signal indicates whether the data on ROUT is valid; when it is high, the data is valid.
The system must monitor the LOCK pin to determine whether data on the ROUT is valid.
POWERDOWN
The Powerdown state is a low power sleep mode that the Serializer and Deserializer may use to reduce power
when no data is being transferred. The TPWDNB and RPWDNB are used to set each device into power down
mode, which reduces supply current to the µA range. The Serializer enters powerdown when the TPWDNB pin is
driven low. In powerdown, the PLL stops and the outputs go into TRI-STATE, disabling load current and reducing
supply. To exit Powerdown, TPWDNB must be driven high. When the Serializer exits Powerdown, its PLL must
lock to TCLK before it is ready for the Initialization state. The system must then allow time for Initialization before
data transfer can begin. The Deserializer enters powerdown mode when RPWDNB is driven low. In powerdown
mode, the PLL stops and the outputs enter TRI-STATE. To bring the Deserializer block out of the powerdown
state, the system drives RPWDNB high.
Both the Serializer and Deserializer must reinitialize and relock before data can be transferred. The Deserializer
will initialize and assert LOCK high when it is locked to the encoded clock.
TRI-STATE
For the Serializer, TRI-STATE is entered when the DEN or TPWDNB pin is driven low. This will TRI-STATE both
driver output pins (DOUT+ and DOUT
−). When DEN is driven high, the serializer will return to the previous state
as long as all other control pins remain static (TPWDNB, TRFB).
When you drive the REN or RPWDNB pin low, the Deserializer enters TRI-STATE. Consequently, the receiver
output pins (ROUT0–ROUT23) and RCLK will enter TRI-STATE. The LOCK output remains active, reflecting the
state of the PLL. The Deserializer input pins are high impedance during receiver powerdown (RPWDNB low) and
power-off (VDD = 0V).
AC-COUPLING AND TERMINATION
The DS99R101 and DS99R102 supports AC-coupled interconnects through integrated DC balanced
encoding/decoding scheme. To use AC coupled connection between the Serializer and Deserializer, insert
external AC coupling capacitors in series in the LVDS signal path as illustrated in . The Deserializer input stage
is designed for AC-coupling by providing a built-in AC bias network which sets the internal VCM to +1.2V. With AC
signal coupling, capacitors provide the ac-coupling path to the signal input.
For the high-speed LVDS transmissions, the smallest available package should be used for the AC coupling
capacitor. This will help minimize degradation of signal quality due to package parasitics. The most common
used capacitor value for the interface is 100 nF (0.1 uF) capacitor.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com