Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS99R101VS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS99R101VS/NOPB Datasheet HTML 2Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 3Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 4Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 5Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 9Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
80%
20%
80%
20%
Vdiff = 0V
tLLHT
tLHLT
Differential
Signal
Vdiff = (DOUT+) - (DOUT-)
100:
DOUT+
DOUT-
10 pF
10 pF
RCLK
ODD ROUT
EVEN ROUT
Signal Pattern
Device Pin Name
TCLK
ODD DIN
EVEN DIN
Signal Pattern
Device Pin Name
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Deserializer Switching Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tDRDL
Deserializer PLL Lock Time
(Figure 14) (3)
3 MHz
5
50
ms
from Powerdown(4)
(5) (1)
40 MHz
5
50
ms
RxIN_TOL_L
Receiver INput TOLerance
(Figure 16)
3 MHz–40 MHz
0.25
UI
Left
(6) (1) (7)
RxIN_TOL_R Receiver INput TOLerance
(Figure 16)
3 MHz–40 MHz
0.25
UI
Right
(6) (1) (7)
(4)
tDRDL is the time required by the deserializer to obtain lock when exiting powerdown mode. tDRDL is specified with an external
synchronization pattern.
(5)
The Deserializer PLL lock time (tDRDL) may vary depending on input data patterns and the number of transitions within the pattern.
(6)
RxIN_TOL is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors
occur. It is a measurement in reference with the ideal bit position, please see AN-1217 (SNLA053) for detail.
(7)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
AC Timing Diagrams and Test Circuits
Figure 1. Serializer Input Checker-board Pattern
Figure 2. Deserializer Output Checker-board Pattern
Figure 3. Serializer LVDS Output Load and Transition Times
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com