Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS99R101VS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS99R101VS/NOPB Datasheet HTML 1Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 2Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 3Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 4Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 5Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DS99R101, DS99R102
www.ti.com
SNLS240D – MARCH 2007 – REVISED APRIL 2013
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLLHT
LVDS Low-to-High Transition Time
RL = 100Ω, (Figure 3)
0.6
ns
CL = 10 pF to GND
tLHLT
LVDS High-to-Low Transition Time
0.6
ns
VODSEL = L
tDIS
DIN (23:0) Setup to TCLK
RL = 100Ω,
5
ns
CL = 10 pF to GND
(1)
tDIH
DIN (23:0) Hold from TCLK
5
ns
tHZD
DOUT ± HIGH to TRI-STATE Delay
RL = 100Ω,
15
ns
CL = 10 pF to GND
tLZD
DOUT ± LOW to TRI-STATE Delay
15
ns
(Figure 6)(2)
tZHD
DOUT ± TRI-STATE to HIGH Delay
200
ns
tZLD
DOUT ± TRI-STATE to LOW Delay
200
ns
tPLD
Serializer PLL Lock Time
RL = 100Ω, (Figure 7)
10
ms
tSD
Serializer Delay
RL = 100Ω, (Figure 8)
(3)
3.5T
3.5T + 2.85
ns
VODSEL = L, TRFB = H
+ 10
RL = 100Ω, (Figure 8)
(3)
3.5T
3.5T + 2.85
ns
VODSEL = L, TRFB = L
+ 10
TxOUT_E_O
TxOUT_Eye_Opening
3–40 MHz
0.68
UI(5)
(respect to ideal)
(Figure 9)(4)
(1)
Specification is guaranteed by characterization and is not tested in production.
(2)
When the Serializer output is at TRI-STATE, the Deserializer will lose PLL lock. Resynchronization MUST occur before data transfer.
(3)
Figure 1, Figure 2, Figure 8, Figure 12, Figure 14 show a falling edge data strobe (TCLK IN/RCLK OUT).
(4)
tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
(5)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tRCP
Receiver out Clock Period
tRCP = tTCP
(1)
RCLK
25
T
333
ns
tRDC
RCLK Duty Cycle
RCLK
45
50
55
%
tCLH
LVCMOS Low-to-High
CL = 8 pF
ROUT [23:0],
2.5
3.5
ns
Transition Time
(lumped load)
LOCK, RCLK
(Figure 11)
tCHL
LVCMOS High-to-Low
2.5
3.5
ns
Transition Time
tROS
ROUT (7:0) Setup Data to
(Figure 15)(2)
ROUT [7:0]
(0.40)*
(29/56)*tRCP
ns
RCLK (Group 1)
tRCP
tROH
ROUT (7:0) Hold Data to RCLK
(0.40)*
(27/56)*tRCP
ns
(Group 1)
tRCP
tROS
ROUT (15:8) Setup Data to
(Figure 15)(2)
ROUT [15:8],
(0.40)*
0.5*tRCP
ns
RCLK (Group 2)
LOCK
tRCP
tROH
ROUT (15:8) Hold Data to
(0.40)*
0.5*tRCP
ns
RCLK (Group 2)
tRCP
tROS
ROUT (23:16) Setup Data to
(Figure 15)(2)
ROUT [23:16]
(0.40)*
(27/56)*tRCP
ns
RCLK (Group 3)
tRCP
tROH
ROUT (23:16) Hold Data to
(0.40)*
(29/56)*tRCP
ns
RCLK (Group 3)
tRCP
tHZR
HIGH to TRI-STATE Delay
(Figure 13)
ROUT [23:0],
3
10
ns
RCLK, LOCK
tLZR
LOW to TRI-STATE Delay
3
10
ns
tZHR
TRI-STATE to HIGH Delay
3
10
ns
tZLR
TRI-STATE to LOW Delay
3
10
ns
tDD
Deserializer Delay
(Figure 12)(3)
RCLK
[4+(3/56)]T
[4+(3/56)]T
ns
+5.9
+18.5
(1)
Specification is guaranteed by characterization and is not tested in production.
(2)
Figure 5, Figure 15 show a rising edge data strobe (TCLK IN/RCLK OUT).
(3)
Figure 1, Figure 2, Figure 8, Figure 12, Figure 14 show a falling edge data strobe (TCLK IN/RCLK OUT).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com