Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS99R101VS/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button DS99R101VS/NOPB Datasheet HTML 14Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 15Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 16Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 17Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 18Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 19Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 20Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 21Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
A termination resistor across DOUT± is also required for proper operation to be obtained. The termination
resistor should be equal to the differential impedance of the media being driven. This should be in the range of
90 to 132 Ohms. 100 Ohms is a typical value common used with standard 100 Ohm transmission media. This
resistor is required for control of reflections and also to complete the current loop. It should be placed as close to
the Serializer DOUT± outputs to minimize the stub length from the pins. To match with the deferential impedance
on the transmission line, the LVDS I/O are terminated with 100 ohm resistors on Serializer DOUT± outputs pins.
PROGRESSIVE TURN–ON (PTO)
Deserializer ROUT[23:0] outputs are grouped into three groups of eight, with each group switching about 0.5UI
apart in phase to reduce EMI, simultaneous switching noise, and system ground bounce.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com