Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3560TLX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560TLX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3560TLX/NOPB Datasheet HTML 1Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 2Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 3Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN, VSW, VOUT
−0.3V to 6V
VSCL, VSDA, VHWEN, VSTROBE, VTX1, VTX2, VLED1, VLED2, VLED1/NTC
−0.3V to the lesser of (VIN+0.3V) or 6.0V
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering)
(5)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For performance limits and
associated test conditions, see the Electrical Characteristics table.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=+150°C (typ.) and
disengages at TJ=+135°C (typ.). Thermal shutdown is specified by design.
(5)
For detailed soldering specifications and information, see Application Note AN1112 DSBGA Wafer Level chip Scale Package.
OPERATING RATINGS
(1) (2)
VIN
2.5V to 5.5V
Junction Temperature (TJ)
−40°C to +125°C
Ambient Temperature (TA)
(3)
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For performance limits and
associated test conditions, see the Electrical Characteristics table.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
+125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
THERMAL PROPERTIES
Thermal Junction-to-Ambient Resistance (
θJA)
(1)
50.4°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/36 µm (1.5
oz/1oz/1oz/1.5 oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W.
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V, VHWEN = VIN.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Current Source Specifications
−40°C ≤ TA ≤
1000mA Flash
-5%
+5%
+85°C
Current Setting, per
2000
ILED1+ILED2,
current source
Current Source
TA = +25°C
−3.5%
+3.5%
ILED
VOUT = 4.5V,
mA
Accuracy
31.25mA Torch
3.0V
≤ VIN ≤ 4.2V
−40°C ≤ TA ≤
Current Setting, per
−10%
62.5
+10%
+85°C
current source
VOUT -
Current Source
ILED = 2A, (ILED1 + ILED2)
300
mV
VLED1/2
Regulation Voltage
VOUT = 4.5V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (Typ) numbers represent the most likely norm. Unless
otherwise specified, conditions for typical specifications are: VIN = 3.6V and TA = +25°C.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com