Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3560TLX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560TLX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3560TLX/NOPB Datasheet HTML 3Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
2.5
2.9
3.3
3.7
4.1
4.5
4.9
VIN (V)
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
Code 0100
Code 0101
Code 0110
Code 0111
2.5
2.9
3.3
3.7
4.1
4.5
4.9
VIN (V)
0.530
0.490
0.450
0.410
0.370
0.330
0.290
0.250
0.210
0.170
0.130
0.090
0.050
Code 0000
Code 0001
Code 0010
Code 0011
2.5
2.9
3.3
3.7
4.1
4.5
VIN (V)
2.03
1.99
1.95
1.91
1.87
1.83
1.79
1.75
1.71
1.67
1.63
1.59
1.55
Code 1100
Code 1101
Code 1110
Code 1111
2.5
2.9
3.3
3.7
4.1
4.5
4.9
VIN (V)
1.60
1.55
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
Code 1000
Code 1001
Code 1010
Code 1011
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(VIN = 3.6V, COUT = 10 µF, CIN = 10 µF, L = 1µH (TOKO FDSD0312-1R0, RL = 43 mΩ), TA = 25°C, ILED = ILED1 + ILED2,
unless otherwise noted).
ILED vs VIN
ILED vs VIN
ILED1 + ILED2
ILED1 + ILED2
Highest 4 Flash Brightness Codes
Upper Middle 4 Flash Brightness Codes
Figure 5.
Figure 6.
ILED vs VIN
ILED vs VIN
ILED1 + ILED2
ILED1 + ILED2
Lower Middle 4 Flash Brightness Codes
Lowest 4 Flash Brightness Codes
Figure 7.
Figure 8.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com