Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3560TLX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560TLX/NOPB
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560TLX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3560TLX/NOPB Datasheet HTML 1Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 2Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 3Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3560TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
IN
OUT
LED2
LEDI/NTC
SW
HWEN
TX1/TORCH
TX2
SDA
SCL
LM3560
GND
1 2H/2.2 2H
10 2F
10 2F
Flash
LED2
STROBE
LED1
Flash
LED1
Optional Indicator Current
Source or Thermistor
Sensing Circuit
2.5V to 5.5V
LM3560
www.ti.com
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
Synchronous Boost Flash Driver
With Dual 1-A High-Side Current Sources (2-A Total Flash Current)
Check for Samples: LM3560
1
FEATURES
APPLICATIONS
2
•
Dual High-Side Current Sources Allow for
•
Camera Phone LED Flash
Grounded Cathode LED Operation
•
White LED Biasing
•
Accurate and Programmable LED Current from
31.25 mA to 2 A
DESCRIPTION
The LM3560 is a 2MHz fixed frequency synchronous
•
Independent LED Current Source
boost converter with two 1000 mA constant current
Programmability
drivers for high-current white LEDs. The dual high-
•
Up to 90% Efficient
side current sources allow for grounded cathode LED
•
Ultra-Small Solution Size: < 26 mm2
operation and can be tied together for providing flash
currents at up to 2A through a single LED. An
•
Four Operating Modes: Torch, Flash, Privacy
adaptive regulation method ensures the current for
Indicate, and Message Indicator
each LED remains in regulation and maximizes
•
4-Bit ADC for VLED Monitoring
efficiency.
•
LED Thermal Sensing and Current Scale-Back
Typical Application Circuit
•
Hardware Flash and Torch Enable
•
Dual Synchronization Inputs for RF Power
Amplifier Pulse Events
•
LED and Output Disconnect During Shutdown
•
Open and Short LED Detection
•
400-kHz I2C-Compatible Interface
•
Active Low Hardware Reset
•
16-Bump (1.97mm x 1.97mm x 0.6mm) DSBGA
Table 1. Application Circuit Component List
Component
Manufacturer
Value
Part Number
Size (mm)
Rating
L
Toko
1µH
FDSD0312-1R0
3 x 3 x 1.2
3.4A
COUT
Murata
10 µF
GRM188R60J106M
1.6 × 0.8 × 0.8 (0603)
6.3V
CIN
Murata
10 µF
GRM188R60J106M
1.6 × 0.8 × 0.8 (0603)
6.3V
LEDs
Lumiled
Flash LED
PWF-4
VF = 3.6V @1A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3560TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3560TLX-20 TI1-LM3560TLX-20 Datasheet
3Mb / 42P
LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
More results

Similar Description - LM3560TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
Synchronous Boost Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com