Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9673LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9673LE
Description  reset Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9673LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9673LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0022
PT0553-4
02/15/16
7
PI4IOE5V9673
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt and reset
Details Description
a. Device address
Following a START condition, the bus master must send the address of the slave it is accessing and the
operation it wants to perform (read or write). The address of the PI4IOE5V9673 is shown in bellow. Slave
address pins AD1, and AD0 choose 1 of 16 slave addresses. To conserve power, no internal pull-up resistors
are incorporated on AD2, AD1, and AD0. Address values depending on AD1, and AD0 can be found in
Table “PI4IOE5V9673 address map”.
Remark: The General Call address (0000 0000b) and the Device ID address (1111 100Xb) are reserved
and cannot be used as device address. Failure to follow this requirement will cause the PI4IOE5V9673 not to
acknowledge.
Remark: Reserved I2C-bus addresses must be used with caution since they can interfere with:
• “reserved for future use” I2C-bus addresses (0000 011, 1111 101, 1111 110, 1111 111)
• slave devices that use the 10-bit addressing scheme (1111 0xx)
• High speed mode (Hs-mode) master code (0000 1xx)
PI4IOE5V9673 address
b7(MSB)
b6
b5
b4
b3
b2
b1
b0
Address Byte
A6
A5
A4
A3
A2
A1
A0
R/W
The last bit of the first byte defines the operation to be performed. When set to logic 1 a read is selected,
while a logic 0 selects a write operation.
PI4IOE5V9673 Address maps
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
Address
(Write)
Address
(Read)
SCL
GND
0
0
1
0
1
0
0
28h
29h
SCL
VCC
0
0
1
0
1
0
1
2Ah
2Bh
SDA
GND
0
0
1
0
1
1
0
2Ch
2Dh
SDA
VCC
0
0
1
0
1
1
1
2Eh
2Fh
SCL
SCL
0
0
1
1
0
0
0
38h
39h
SCL
SDA
0
0
1
1
0
0
1
3Ah
3Bh
SDA
SCL
0
0
1
1
0
1
0
3Ch
3Dh
SDA
SDA
0
0
1
1
0
1
1
3Eh
3Fh
GND
GND
0
1
0
0
1
0
0
48h
49h
GND
VCC
0
1
0
0
1
0
1
4Ah
4Bh
VCC
GND
0
1
0
0
1
1
0
4Ch
4Dh
VCC
VCC
0
1
0
0
1
1
1
4Eh
4Fh
GND
SCL
0
1
0
1
1
0
0
58h
59h
GND
SDA
0
1
0
1
1
0
1
5Ah
5Bh
VCC
SCL
0
1
0
1
1
1
0
5Ch
5Dh
VCC
SDA
0
1
0
1
1
1
1
5Eh
5Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com