Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9673LE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9673LE
Description  reset Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9673LE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9673LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0022
PT0553-4
02/15/16
10
PI4IOE5V9673
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt and reset
Figure 8. Write Mode
Reading from a port (Input mode)
All ports programmed as input should be set to logic 1. To read, the master (microcontroller) first addresses the slave device
after it receives the interrupt. By setting the last bit of the byte containing the slave address to logic 1 the Read mode is entered.
The data bytes that follow on the SDA are the values on the ports.
If the data on the input port changes faster than the master can read, this data may be lost. Transfer of data can be stopped at
any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid.
Figure 9.Read input port register
Power-on reset
When power is applied to VCC, an internal Power-On Reset (POR) holds the PI4IOE5V9673 in a reset condition until VCC
has reached VPOR. At that point, the reset condition is released and the PI4IOE5V9673 registers and I2C-bus/SMBus state
machine will initialize to their default states. Thereafter VCC must be lowered below 0.2 V to reset the device.
Interrupt output (INT)
The PI4IOE5V9673 provides an open-drain interrupt (INT) which can be fed to a corresponding input of the microcontroller.
This gives these chips a kind of master function which can initiate an action elsewhere in the system.
An interrupt is generated by any rising or falling edge of the port inputs. After time t(V)D the signal INT is valid.
The interrupt disappears when data on the port is changed to the original setting or data is read from or written to the device
which has generated the interrupt.
In the write mode, the interrupt may become deactivated (HIGH) on the rising edge of the write to port pulse. On the falling
edge of the write to port pulse the interrupt is definitely deactivated (HIGH).
The interrupt is reset in the read mode on the rising edge of the read from port pulse.
During the resetting of the interrupt itself, any changes on the I/Os may not generate an interrupt. After the interrupt is reset
any change in I/Os will be detected and transmitted as an INT.
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com