Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9673LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9673LE
Description  reset Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9673LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4IOE5V9673LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0022
PT0553-4
02/15/16
3
PI4IOE5V9673
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt and reset
Maximum Ratings
Power supply......................................................................................................-0.5V to +6.0V
Voltage on an I/O pin..........................................................................GND-0.5V to +6.0V
Input current.....................................................................................................................±20mA
Output current on an I/O pin ......................................................................................±50mA
Supply current...............................................................................................................±160mA
Ground supply current...................................................................................................600mA
Total power dissipation................................................................................................600mW
Operation temperature...............................................................................................-40~85℃
Storage temperature ................................................................................................-65~150℃
MaximumJunction temperature ,T j(max) ................................................................125℃
Static characteristics
VCC = 2.3 V to 5.5 V; GND = 0 V; Tamb= -40 °C to +85 °C; unless otherwise specified.
Table 2: Static characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power supply
VCC
Supply voltage
2.3
-
5.5
V
ICC
Supply current
Operating mode; VCC = 5.5 V; no load;
fSCL= 1MHz
-
200
500
μA
Istb
Standby current
Standby mode; VCC = 5.5 V; no load;
VI = VCC; fSCL= 0 kHz; I/O = inputs
-
2.5
10
uA
VPOR
Power-on reset voltage
[1]
-
1.16
1.41
V
Input SCL, input/output SDA
VIL
Low level input voltage
-0.5
-
+0.3VCC
V
VIH
High level input voltage
0.7VCC
-
5.5
V
IOL
Low level output current
VOL=0.4V; VCC=2.3V
16
-
-
mA
VOL=0.4V; VCC=3V
18
-
-
mA
VOL=0.4V; VCC=4.5V
20
-
-
mA
IL
Leakage current
VI=VCC=GND
-1
-
1
μA
Ci
Input capacitance
VI =GND
-
4
10
pF
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com