Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9675LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9675LE
Description  interrupt Description
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9675LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4IOE5V9675LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-06-0008
PT0555-3
08/04/16
4
PI4IOE5V9675
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/Os
IOL
Low level output current
VCC = 2.3 V; VOL = 0.5 V
[2]
12
28
mA
VCC=3.0V; VOL = 0.5 V
[2]
17
35
mA
VCC=4.5V; VOL = 0.5 V
[2]
25
42
mA
IOL(tot)
total LOW-level output
current
VOL=0.5V;VCC=4.5V
400
mA
IOH
HIGH-level output current
VOH = GND
-30
-359
-480
uA
Itrt(pu)
transient boosted pull-up
current
VOH= GND
-0.5
-1.0
mA
Ci
Off-state Input capacitance
[3]
-
9
10
pF
Co
Off-state Output capacitance
[3]
-
9
10
pF
Interrupt INT
IOL
Low level output current
VOL=0.4V
6
-
-
mA
Co
Output capacitance
2.1
10
pF
Select inputs AD0,AD1,AD2
VIL
Low level input voltage
-0.5
-
+0.3VCC
V
VIH
High level input voltage
0.7VCC
-
5.5
V
IL
Input leakage current
-1
1
μA
Ci
input capacitance
2.4
10
pF
Note:
[1]:VCC must be lowered to 0.2 V for at least 20us in order to reset part.
[2]:Each I/O must be externally limited to a maximum of 25 mA and the total package limited to 400 mA due to internal busing
limits.
[3]: The value is not tested, but verified on sampling basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com