Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9675LE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9675LE
Description  interrupt Description
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9675LE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9675LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-06-0008
PT0555-3
08/04/16
11
PI4IOE5V9675
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt
Quasi-bidirectional I/O architecture
The PI4IOE5V9675’s 16 ports (see Figure 6) are entirely independent and can be used either as input or output ports. Input
data is transferred from the ports to the microcontroller in the Read mode. Output data is transmitted to the ports in the Write mode.
Every data transmission from the PI4IOE5V9675 must consist of an even number of bytes, the first byte will be referred to as
P07 to P00, and the second byte as P17 to P10. The third will be referred to as P07 to P00, and so on.
This quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data directions. At power-
on the I/Os are HIGH. In this mode only a current source (IOH) to VCC is active. An additional strong pull-up to VCC (Itrt(pu))
allows fast rising edges into heavily loaded outputs. These devices turn on when an output is written HIGH, and are switched off
by the negative edge of SCL. The I/Os should be HIGH before being used as inputs. After power-on, as all the I/Os are set HIGH,
all of them can be used as inputs. Any change in setting of the I/Os as either inputs or outputs can be done with the write mode.
Remark: If a HIGH is applied to an I/O which has been written earlier to LOW, a large current (IOL) will flow to GND.
Figure 6.Simplified schematic diagram of P00 to P17
Writing to the port (Output mode)
To write, the master (microcontroller) first addresses the slave device. By setting the last bit of the byte containing the slave
address to logic 0 the Write mode is entered. The PI4IOE5V9675 acknowledges and the master sends the first data byte for P07 to
P00. After the first data byte is acknowledged by the PI4IOE5V9675, the second data byte P17 to P10 is sent by the master. Once
again, the PI4IOE5V9675 acknowledges the receipt of the data. Each 8-bit data is presented on the port lines after it has been
acknowledged by the PI4IOE5V9675.
The number of data bytes that can be sent successively is not limited. After every two bytes, the previous data is overwritten.
The first data byte in every pair refers to Port 0 (P07 to P00), whereas the second data byte in every pair refers to Port 1 (P17
to P10).
Figure 7. Correlation between bits and ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com