Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9675LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9675LE
Description  interrupt Description
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9675LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4IOE5V9675LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Remote 16-bit I/O expander for Fm+ I
2C-bus with interrupt
2016-06-0008
PT0555-3
08/04/16
1
PI4IOE5V9675
Features
 Operation power supply voltage from 2.3V to 5.5V
 16-bit remote I/O pins that default to inputs at power-
up
 1 MHz I2C-bus interface
 Compliant with the I2C-bus Fast and Standard modes
 5.5V tolerant I/Os
 SDA with 30 mA sink capability for 4000 pF buses
 Latched outputs with 25 mA sink capability for
directly driving LEDs
 Total package sink capability of 400 mA
 Active LOW open-drain interrupt output
 Low standby current
 64 programmable slave addresses using 3 address
pins
 ESD protection (4KV HBM and 1KV CDM)
 Latch-up tested (exceeds 100mA)
 Offered in two different packages: TSSOP-24 and
TQFN 4x4-24
Description
The
PI4IOE5V9675
provides
general
purpose
remote I/O expansion for most microcontroller families
via the two-line bidirectional bus (I
2C-bus) and is a part
of the Fast-mode Plus family.
The PI4IOE5V9675 provides higher Fast-mode Plus
(Fm+) I
2C-bus speeds (1 MHz versus 400 kHz) so that
the output can support PWM dimming of LEDs, high
I
2C-bus drive (30 mA) so that many more devices can be
on the bus without the need for bus buffers, high total
package sink capacity (400 mA) that supports having all
25 mA LEDs on at the same time and more device
addresses (64) are available to allow many more devices
on the bus without address conflicts.
The device consists of a 16-bit quasi-bidirectional
port and an I
2C-bus interface. The PI4IOE5V9675 has a
low current consumption and includes latched outputs
with high current drive capability for directly driving
LEDs.
It also possesses an interrupt line (INT) which can be
connected to the interrupt logic of the microcontroller.
By sending an interrupt signal on this line, the remote
I/O can inform the microcontroller if there is incoming
data on its ports without having to communicate via the
I
2C-bus. The internal Power-On Reset (POR) or software
reset sequence initializes the I/Os as inputs.
Pin Configuration
Figure 1:TSSOP-24 (Top View)
Figure 2:TQFN 4x4-24(Top View)


Similar Part No. - PI4IOE5V9675LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9673 PERICOM-PI4IOE5V9673 Datasheet
616Kb / 14P
reset Description
PI4IOE5V9673LE PERICOM-PI4IOE5V9673LE Datasheet
616Kb / 14P
reset Description
PI4IOE5V9673LEX PERICOM-PI4IOE5V9673LEX Datasheet
616Kb / 14P
reset Description
PI4IOE5V9673ZDEX PERICOM-PI4IOE5V9673ZDEX Datasheet
616Kb / 14P
reset Description
More results

Similar Description - PI4IOE5V9675LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
GENERAL DESCRIPTION
logo
Intel Corporation
8XC251TA INTEL-8XC251TA_1 Datasheet
94Kb / 18P
Hardware Description
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
Description
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
GENERAL DESCRIPTION
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com