Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V9675LE Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9675LE
Description  interrupt Description
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9675LE Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9675LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-06-0008
PT0555-3
08/04/16
14
PI4IOE5V9675
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt
Figure 11.Bidirectional I/O expander application
High current-drive load applications
The GPIO has a maximum sinking current of 25 mA per bit. In applications requiring additional drive, two port pins in the
same octal may be connected together to sink up to 50 mA current. Both bits must then always be turned on or off together. Up to
8 pins (one octal) can be connected together to drive 200 mA.
Figure 12. High current-drive load application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com