Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2021MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP2021MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
1
INPUT CAPACITANCE (pF)
-30
-18
-6
6
18
30
10
100
1000
RG
CG
+
-
0
10 20 30 40 50 60 70 80 90 100
-75
-50
-25
0
25
50
75
100
125
150
175
TIME (s)
LMP2021/LMP2022
10
20
30
40
50
60
70
80
90 100
TIME (s)
-75
-50
-25
0
25
50
75
100
125
150
175
CG = 20 pF
CG = 1000 pF
CG = 0 pF
Competitor A
CG = 0 pF
CG = 0, 1, 3, 5, 8, 10, 20, 50, 75, 100, 200, 500, 1000 pF
CG = 20 pF
CG = 1000 pF
VS = 5V, VCM = VS/2, RG = 1 G:
19
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 40. Input Bias Current of LMP202x is lower than Competitor A
8.1.3 Lowering the Input Bias Current
As mentioned in the Input Bias Current section, the input bias current of an auto zero amplifier such as the
LMP202x varies with input impedance and feedback impedance. Once the value of a certain input resistance, i.e.
sensor resistance, is known, it is possible to optimize the input bias current for this fixed input resistance by
choosing the capacitance value that minimizes that current. Figure 41 shows the input bias current vs. input
impedance of the LMP202x. The value of RG or input resistance in this test is 1 GΩ. When this value of input
resistance is used, and when a parallel capacitance of 22 pF is placed on the circuit, the resulting input bias
current is nearly 0 pA. Figure 41 can be used to extrapolate capacitor values for other sensor resistances. For
this purpose, the total impedance seen by the input of the LMP202x needs to be calculated based on Figure 41.
By knowing the value of RG, one can calculate the corresponding CG which minimizes the non-inverting input
bias current, positive bias current, value.
Figure 41. Input Bias Current vs. CG with RG = 1 GΩ
In a typical I-V converter, the output voltage will be the sum of DC offset plus bias current and the applied signal
through the feedback resistor. In a conventional input stage, the inverting input's capacitance has very little effect
on the circuit. This effect is generally on settling time and the dielectric soakage time and can be ignored. In auto
zero amplifiers, the input capacitance effect will add another term to the output. This additional term means that
the baseline reading on the output will be dependent on the input capacitance. The term input capacitance for
this purpose includes circuit strays and any input cable capacitances. There is a slight variation in the capacitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com