Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2021MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP2021MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
0
5
10
15
20
25
30
35
40
OUTPUT CURRENT (mA)
0
0.2
0.4
(V
+
) -0.2
V
+
(V
+
) -0.4
(V
+
) -0.6
VS = 2.5V, 5V
|
|
125°C
85°C
25°C
-40°C
10
1k
1M
FREQUENCY (Hz)
60
100
140
200
100k
10k
100
180
120
80
160
VS = 2.5V
VS = 5V
Channel A to B
Channel B to A
10 Ps/DIV
VS = 5V
AV = +1
VIN = 2 VPP
f = 10 kHz
RL = 10 k:
CL = 20 pF
10 Ps/DIV
VS = 5V
AV = +1
VIN = 100 mVPP
f = 10 kHz
RL = 10 k:
CL = 20 pF
14
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5 V, VCM = VS/2.
Figure 31. Large Signal Step Response
Figure 32. Small Signal Step Response
Figure 33. Output Voltage vs. Output Current
Figure 34. Cross Talk Rejection Ratio vs. Frequency
(LMP2022)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com