| Electronic Components Datasheet Search |
|
LMP2021MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP2021MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 37 page ![]() N/C ±IN +IN V± V+ OUTPUT N/C N/C VS+ GND VS± GND Ground (GND) plane on another layer VOUT VIN GND Run the input traces as far away from the supply lines as possible Use low-ESR, ceramic bypass capacitor RF RG Place components close to device and to each other to reduce parasitic errors + VIN VOUT RG RF (Schematic Representation) Use low-ESR, ceramic bypass capacitor 25 LMP2021, LMP2022 www.ti.com SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016 Product Folder Links: LMP2021 LMP2022 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Layout Guidelines (continued) methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes. A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital and analog grounds paying attention to the flow of the ground current. For more detailed information refer to SLOA089, Circuit Board Layout Techniques. • In order to reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If it is not possible to keep them separate, it is much better to cross the sensitive trace perpendicular as opposed to in parallel with the noisy trace. • Place the external components as close to the device as possible. As shown in Typical Characteristics, keeping RF and RG close to the inverting input minimizes parasitic capacitance. • Keep the length of input traces as short as possible. Always remember that the input traces are the most sensitive part of the circuit. • Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce leakage currents from nearby traces that are at different potentials. 10.2 Layout Example Figure 48. Operational Amplifier Board Layout for Noninverting Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |