Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2021MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP2021MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-12 -10
-8
-6
-4
-2
0
2
4
6
8
10
12
DIFFERENTIAL INPUT (mV)
C001
24
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Application (continued)
Bridge sensor measurements are usually done up to 10s of Hz. Placing a 300 Hz filter on the LMP2022 helps
removing the higher frequency noise from this circuit. This filter is created by placing two capacitors in the
feedback path of the LMP2022 amplifiers.
This amplified signal is then fed into the ADC161S626. The ADC161S626 is a 16-bit, 50 kSPS to 250 kSPS 5V
ADC. In order to utilize the maximum number of bits of the ADC161S626 in this configuration, a 2.5V reference
voltage is used. This 2.5V reference is also used to power the bridge sensor and the inverting input of the ADC.
Using the same voltage source for these three points helps reducing the total system error by eliminating error
due to source variations.
With this system, the output signal of the bridge sensor which can be up to ±13.3 mV and is accurately scaled to
the full scale range of the ADC and then digitized for further processing. The LMP202x introduced minimal error
to the system and improved the signal quality by removing common mode signals and high frequency noise.
8.2.3 Application Curve
Figure 47. Single Ended Output Results for Bridge Circuit
9 Power Supply Recommendations
The LMP202x is specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V) over a –40°C to +125°C
temperature range. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics.
CAUTION
Supply voltages larger than 6 V can permanently damage the device.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and op amp itself.
Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources local to
the analog circuitry.
•
Connect low-ESR, 0.1-
μF ceramic bypass capacitors between each supply pin and ground, placed as close
to the device as possible. A single bypass capacitor from V+ to ground is applicable for single supply
applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com