Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2021MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP2021MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
-
+
1/2
LMP2022
0.1 PF
-
+
1/2
LMP2022
0.1 PF
5.1 k:
0.1%
5.1 k:
0.1%
200:
200:
280:
VA
VA
+
-
VA
LMP2021
ADC161S626
+
VR = 1/2 VA
-
1 k:
1 k:
R3
R4
R1
R2
VA
EMI
180:
470 pF
VA = 5V
23
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.2 Typical Application
Figure 46 shows the Bridge Sensor Interface for these devices.
Figure 46. LMP202x Used With ADC161S626
8.2.1 Design Requirements
Bridge sensors are used in a variety of applications such as pressure sensors and weigh scales. Bridge sensors
typically have a very small differential output signal. This very small differential signal needs to be accurately
amplified before it can be fed into an ADC. As discussed in the previous sections, the accuracy of the op amp
used as the ADC driver is essential to maintaining total system accuracy.
The high DC performance of the LMP202x make these amplifiers ideal choices for use with a bridge sensor. The
LMP202x have very low input offset voltage and very low input offset voltage drift. The open loop gain of the
LMP202x is 160 dB.
The circuit in Figure 46 shows a signal path solution for a typical bridge sensor using the LMP202x. Bridge
sensors are created by replacing at least one of the resistors in a typical bridge with a sensor whose resistance
varies in response to an external stimulus. For this example, the expected bridge output signal will be in the
range of ±12 mV. This signal must be accurately amplified by the amplifier to best match the dynamic input range
of the ADC. This is done by using one LMP2022 and one LMP2021 in front of the ADC161S626.
The on chip EMI rejection filters available on the LMP202x help remove the EMI interference introduced to the
signal and hence improve the overall system performance.
8.2.2 Detailed Design Procedure
The amplification of this ±12 mV signal is achieved in 2 stages and through a three op-amp instrumentation
amplifier. The dual LMP2022 in Figure 46 amplifies each side of the differential output of the bridge sensor by a
gain of 18.2. Using the LMP2022 with a gain of 18.2 reduces the input referred voltage noise of the op amps and
the system as a result. Also, this gain allows direct filtering of the signal on the LMP2022 without compromising
noise performance. The differential output of the two amplifiers in the LMP2022 are then fed into a LMP2021
configured as a difference amplifier. This stage has a gain of 5, with a total system having a gain of (18.2 * 2 +1 )
* 5 = 187. The LMP2021 has an outstanding CMRR value of 139. This impressive CMRR improves system
performance by removing the common mode signal introduced by the bridge. With an overall gain of 187, the
±12 mV differential input signal is gained up to ±2.24V (0.26 V to 4.74V single ended). This utilizes the amplifiers
output swing as well as the ADC's input dynamic range, and allows for some overload range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com