Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34AA04-E/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # 34AA04-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04-E/ST Datasheet(HTML) 3 Page - Microchip Technology

  34AA04-E/ST Datasheet HTML 1Page - Microchip Technology 34AA04-E/ST Datasheet HTML 2Page - Microchip Technology 34AA04-E/ST Datasheet HTML 3Page - Microchip Technology 34AA04-E/ST Datasheet HTML 4Page - Microchip Technology 34AA04-E/ST Datasheet HTML 5Page - Microchip Technology 34AA04-E/ST Datasheet HTML 6Page - Microchip Technology 34AA04-E/ST Datasheet HTML 7Page - Microchip Technology 34AA04-E/ST Datasheet HTML 8Page - Microchip Technology 34AA04-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 3
34AA04
TABLE 1-2:
AC SPECIFICATIONS
AC CHARACTERISTICS
VCC = +1.7V to +3.6V
Industrial (I): TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock Frequency (Note 2)
10
10
10
100
400
1000
kHz
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
2THIGH
Clock High Time
4000
600
260
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
3TLOW
Clock Low Time
4700
1300
500
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
4TR
SDA and SCL Rise Time (Note 1)
—
—
—
1000
300
120
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
5TF
SDA and SCL Fall Time (Note 1)
—
—
—
300
300
120
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
6THD:STA
Start Condition Hold Time
4000
600
260
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
7TSU:STA
Start Condition Setup Time
4700
600
260
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
8THD:DAT
Data Input Hold Time
0
—
ns
(Note 3)
9TSU:DAT
Data Input Setup Time
250
100
50
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
10
TSU:STO
Stop Condition Setup Time
4000
600
260
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
11
TAA
Output Valid from Clock (Note 3)
200
200
—
3450
900
350
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
12
TBUF
Bus Free Time: Time the bus must
be free before a new transmission
can start
4700
1300
500
—
—
—
ns
1.7V
 VCC < 1.8V
1.8V
 VCC  2.2V
2.2V
 VCC  3.6V
13
TSP
Input Filter Spike Suppression
(SDA and SCL pins)
—50
ns
(Note 1)
14
TWC
Write Cycle Time (byte or page)
—
5
ms
—
15
TTIMEOUT
Bus Timeout Time
25
35
ms
—
16
—
Endurance
1M
—
cycles
Page mode, 25°C, VCC = 3.6V
(Note 4)
Note
1:
Not 100% tested.
2: The minimum clock frequency of 10 kHz is to prevent the bus timeout from occurring.
3:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
200 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please
consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com