Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34AA04-E/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # 34AA04-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04-E/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button 34AA04-E/ST Datasheet HTML 12Page - Microchip Technology 34AA04-E/ST Datasheet HTML 13Page - Microchip Technology 34AA04-E/ST Datasheet HTML 14Page - Microchip Technology 34AA04-E/ST Datasheet HTML 15Page - Microchip Technology 34AA04-E/ST Datasheet HTML 16Page - Microchip Technology 34AA04-E/ST Datasheet HTML 17Page - Microchip Technology 34AA04-E/ST Datasheet HTML 18Page - Microchip Technology 34AA04-E/ST Datasheet HTML 19Page - Microchip Technology 34AA04-E/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
34AA04
DS20005271B-page 16
 2014 Microchip Technology Inc.
FIGURE 9-1:
SET WRITE PROTECTION
TABLE 9-3:
DEVICE RESPONSE WHEN DEFINING WRITE PROTECTION
9.2
Clear All Write Protection (CWP)
The Clear All Write Protection (CWP) command resets
all of the write protection in a single operation. It is
executed in the same manner as a SWP command,
except using the CWP control byte (Table 9-2).
The 34AA04 will always acknowledge and execute a
CWP command if an internal write cycle is not in
progress, regardless of the state of write protection.
9.3
Read Protection Status (RPS)
The Read Protection Status (RPS) commands provide
a way of determining whether or not the specified
block is currently write-protected.
Following the Start condition, the master transmits the
control byte for the desired RPS command (Table 9-2),
with the R/W bit set to logic ‘1’. If the specified block is
not write-protected, the 34AA04 will respond with an
Acknowledge signal. If the block is currently write-
protected, an Acknowledge will not be generated.
Regardless of the result, the master must read at least
one dummy byte from the 34AA04, transmitting a Not
Acknowledge signal after each byte, and generate a
Stop condition to end the command (Figure 9-3).
FIGURE 9-2:
CLEAR ALL WRITE PROTECTION
Status
Command
ACK
Address
ACK
Data Byte
ACK
Write Cycle
Protected with SWPn
SWPn
NoACK
Don’t Care
NoACK
Don’t Care
NoACK
No
CWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
Not Protected
SWPn or CWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
A2
C
K
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Dummy
Byte
A2
C
K
01
1 0
A
1
0
2
A
1
1
A
1
0
Note 1:
Chip Select bits A0-A2 vary depending on which SWP command is being executed.
Dummy
Byte
A2
C
K
2:
The 34AA04 will only acknowledge if the specified block is not currently write-protected.
A0 Pin
VHV
A
C
K
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Dummy
Byte
A
C
K
01
1 0
0
Dummy
Byte
A
C
K
011
A0 Pin
VHV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com