Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34AA04-E/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # 34AA04-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04-E/ST Datasheet(HTML) 5 Page - Microchip Technology

  34AA04-E/ST Datasheet HTML 1Page - Microchip Technology 34AA04-E/ST Datasheet HTML 2Page - Microchip Technology 34AA04-E/ST Datasheet HTML 3Page - Microchip Technology 34AA04-E/ST Datasheet HTML 4Page - Microchip Technology 34AA04-E/ST Datasheet HTML 5Page - Microchip Technology 34AA04-E/ST Datasheet HTML 6Page - Microchip Technology 34AA04-E/ST Datasheet HTML 7Page - Microchip Technology 34AA04-E/ST Datasheet HTML 8Page - Microchip Technology 34AA04-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 5
34AA04
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A0, A1, A2 Chip Address Inputs
The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 34AA04 devices may be connected to the
same bus by using different Chip Select bit combina-
tions. These inputs must be connected to either VSS or
VCC.
The A0 pin also serves as the high-voltage input for
enabling the SWPn and CWP instructions.
2.2
Serial Address/Data Input/Output
(SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal. Therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k
 for 100 kHz, 2 k for
400kHz and 1MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
Symbol
PDIP
SOIC
TSSOP
UDFN
TDFN
Description
A0/VHV
1
1
1
1
1
Chip Address Input, High-Voltage Input
A1
2
2
2
2
2
Chip Address Input
A2
3
3
3
3
3
Chip Address Input
VSS
4
4
4
4
4
Ground
SDA
5
5
5
5
5
Serial Address/Data I/O
SCL
6
6
6
6
6
Serial Clock
NC
7
7
7
7
7
Not Connected
VCC
8
8
8
8
8
+1.7V to 3.6V Power Supply
Note:
Exposed pad on TDFN/UDFN can be connected to VSS or left floating.
Note:
The comparison between the A0, A1, and
A2 pins and the corresponding Chip
Select bits is disabled for software Write-
Protect and Bank Select commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com