Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34AA04-E/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # 34AA04-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04-E/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button 34AA04-E/ST Datasheet HTML 5Page - Microchip Technology 34AA04-E/ST Datasheet HTML 6Page - Microchip Technology 34AA04-E/ST Datasheet HTML 7Page - Microchip Technology 34AA04-E/ST Datasheet HTML 8Page - Microchip Technology 34AA04-E/ST Datasheet HTML 9Page - Microchip Technology 34AA04-E/ST Datasheet HTML 10Page - Microchip Technology 34AA04-E/ST Datasheet HTML 11Page - Microchip Technology 34AA04-E/ST Datasheet HTML 12Page - Microchip Technology 34AA04-E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 9
34AA04
5.2
Read Bank Address (RBA)
The Read Bank Address (RBA) command allows the
34AA04 to indicate which array bank is currently
selected.
The master generates a Start condition and transmits
the RBA control byte (Table 5-2), with the R/W bit set
to logic ‘1’. If Bank 0 is currently selected, the 34AA04
will respond with an Acknowledge signal. If Bank 1 is
currently selected, an Acknowledge will not be
generated. Regardless of the result, the master must
read at least one dummy byte from the 34AA04,
transmitting a Not Acknowledge signal after each byte,
and generate a Stop condition to end the command
(Figure 5-2).
FIGURE 5-2:
READ BANK ADDRESS
SP
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
N
o
A
C
K
S
T
A
R
T
01
1
0
1
Dummy
Byte
A1
C
K
Note 1:
The 34AA04 will only acknowledge if Bank 0 is currently selected.
110
2:
In accordance with the JEDEC spec, the master is allowed to read multiple dummy bytes,
transmitting a Not Acknowledge after each byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com