Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23A512-E/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # 23A512-E/ST
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512-E/ST Datasheet(HTML) 3 Page - Microchip Technology

  23A512-E/ST Datasheet HTML 1Page - Microchip Technology 23A512-E/ST Datasheet HTML 2Page - Microchip Technology 23A512-E/ST Datasheet HTML 3Page - Microchip Technology 23A512-E/ST Datasheet HTML 4Page - Microchip Technology 23A512-E/ST Datasheet HTML 5Page - Microchip Technology 23A512-E/ST Datasheet HTML 6Page - Microchip Technology 23A512-E/ST Datasheet HTML 7Page - Microchip Technology 23A512-E/ST Datasheet HTML 8Page - Microchip Technology 23A512-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2012-2013 Microchip Technology Inc.
DS20005155B-page 3
23A512/23LC512
TABLE 1-3:
AC TEST CONDITIONS
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock frequency
—
20
16
MHz
I-Temp
E-Temp
2TCSS
CS setup time
25
32
—ns
I-Temp
E-Temp
3TCSH
CS hold time
50
—
ns
—
4TCSD
CS disable time
25
32
—ns
I-Temp
E-Temp
5
Tsu
Data setup time
10
—
ns
—
6THD
Data hold time
10
—
ns
—
7TR
CLK rise time
—
20
ns
(Note 1)
8TF
CLK fall time
—
20
ns
(Note 1)
9THI
Clock high time
25
32
—ns
I-Temp
E-Temp
10
TLO
Clock low time
25
32
—ns
I-Temp
E-Temp
11
TCLD
Clock delay time
25
32
—ns
I-Temp
E-Temp
12
TV
Output valid from clock low
—25
32
ns
I-Temp
E-Temp
13
THO
Output hold time
0
—
ns
(Note 1)
14
TDIS
Output disable time
—20
ns
—
15
THS
HOLD setup time
10
—
ns
—
16
THH
HOLD hold time
10
—
ns
—
17
THZ
HOLD low to output High-Z
10
—
ns
—
18
THV
HOLD high to output valid
—
50
ns
—
Note 1:
This parameter is periodically sampled and not 100% tested.
AC Waveform:
Input pulse level
0.1 VCC to 0.9 VCC
Input rise/fall time
5 ns
CL = 30 pF
—
Timing Measurement Reference Level:
Input
0.5 VCC
Output
0.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com