Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23A512-E/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # 23A512-E/ST
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512-E/ST Datasheet(HTML) 5 Page - Microchip Technology

  23A512-E/ST Datasheet HTML 1Page - Microchip Technology 23A512-E/ST Datasheet HTML 2Page - Microchip Technology 23A512-E/ST Datasheet HTML 3Page - Microchip Technology 23A512-E/ST Datasheet HTML 4Page - Microchip Technology 23A512-E/ST Datasheet HTML 5Page - Microchip Technology 23A512-E/ST Datasheet HTML 6Page - Microchip Technology 23A512-E/ST Datasheet HTML 7Page - Microchip Technology 23A512-E/ST Datasheet HTML 8Page - Microchip Technology 23A512-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2012-2013 Microchip Technology Inc.
DS20005155B-page 5
23A512/23LC512
2.0
FUNCTIONAL DESCRIPTION
2.1
Principles of Operation
The 23A512/23LC512 is an 512Kbit Serial SRAM
designed to interface directly with the Serial Peripheral
Interface (SPI) port of many of today’s popular
microcontroller families, including Microchip’s PIC®
microcontrollers. It may also interface with microcon-
trollers that do not have a built-in SPI port by using
discrete I/O lines programmed properly in firmware to
match the SPI protocol. In addition, the 23A512/
23LC512 is also capable of operating in SDI/SQI high
speed SPI mode.
The 23A512/23LC512 contains an 8-bit instruction reg-
ister. The device is accessed via the SI pin, with data
being clocked in on the rising edge of SCK. The CS pin
must be low for the entire operation.
Table 2-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses and data are transferred MSB first, LSB last.
2.2
Modes of Operation
The 23x512 has three modes of operation that are
selected by setting bits 7 and 6 in the MODE register.
The modes of operation are Byte, Page and Burst.
Byte Operation – is selected when bits 7 and 6 in the
MODE register are set to 00. In this mode, the read/
write operations are limited to only one byte. The
Command followed by the 16-bit address is clocked into
the device and the data to/from the device is transferred
on the next eight clocks (Figure 2-1, Figure 2-2).
Page Operation – is selected when bits 7 and 6 in the
MODE register are set to 10. The 23x512 has 2048
pages of 32 bytes. In this mode, the read and write oper-
ations are limited to within the addressed page (the
address is automatically incremented internally). If the
data being read or written reaches the page boundary,
then the internal address counter will increment to the
start of the page (Figure 2-3, Figure 2-4).
Sequential Operation – is selected when bits 7 and 6
in the MODE register are set to 01. Sequential opera-
tion allows the entire array to be written to and read
from. The internal address counter is automatically
incremented and page boundaries are ignored. When
the internal address counter reaches the end of the
array, the address counter will roll over to 0x0000
(Figure 2-5, Figure 2-6).
2.3
Read Sequence
The device is selected by pulling CS low. The 8-bit
READ instruction is transmitted to the 23A512/23LC512
followed by the 16-bit address. After the correct READ
instruction and address are sent, the data stored in the
memory at the selected address is shifted out on the
SO pin.
If operating in Sequential mode, the data stored in the
memory at the next address can be read sequentially
by continuing to provide clock pulses. The internal
Address Pointer is automatically incremented to the
next higher address after each byte of data is shifted
out. When the highest address is reached (FFFFh),
the address counter rolls over to address 0000h,
allowing the read cycle to be continued indefinitely.
The read operation is terminated by raising the CS
pin.
2.4
Write Sequence
Prior to any attempt to write data to the 23A512/
23LC512, the device must be selected by bringing CS
low.
Once the device is selected, the Write command can
be started by issuing a WRITE instruction, followed by
the 16-bit address, and then the data to be written. A
write is terminated by the CS being brought high.
If operating in Page mode, after the initial data byte is
shifted in, additional bytes can be shifted into the
device.
The
Address
Pointer
is
automatically
incremented. This operation can continue for the entire
page (32 bytes) before data will start to be overwritten.
If operating in Sequential mode, after the initial data
byte is shifted in, additional bytes can be clocked into
the device. The internal Address Pointer is automati-
cally incremented. When the Address Pointer reaches
the highest address (FFFFh), the address counter rolls
over to (0000h). This allows the operation to continue
indefinitely, however, previous data will be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com