Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23A512-E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # 23A512-E/ST
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512-E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button 23A512-E/ST Datasheet HTML 6Page - Microchip Technology 23A512-E/ST Datasheet HTML 7Page - Microchip Technology 23A512-E/ST Datasheet HTML 8Page - Microchip Technology 23A512-E/ST Datasheet HTML 9Page - Microchip Technology 23A512-E/ST Datasheet HTML 10Page - Microchip Technology 23A512-E/ST Datasheet HTML 11Page - Microchip Technology 23A512-E/ST Datasheet HTML 12Page - Microchip Technology 23A512-E/ST Datasheet HTML 13Page - Microchip Technology 23A512-E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
23A512/23LC512
DS20005155B-page 10
 2012-2013 Microchip Technology Inc.
2.5
Read Mode Register Instruction
(RDMR)
The Read Mode Register instruction (RDMR) provides
access to the MODE register. The MODE register may
be read at any time. The MODE register is formatted as
follows:
TABLE 2-2:
MODE REGISTER
The mode bits indicate the operating mode of the
SRAM. The possible modes of operation are:
0 0 = Byte mode
1 0 = Page mode
0 1 = Sequential mode (default operation)
1 1 = Reserved
Bits 0 through 5 are reserved and should always be set
to ‘0’.
See Figure 2-7 for the RDMR timing sequence.
FIGURE 2-7:
READ MODE REGISTER TIMING SEQUENCE (RDMR)
76
5
4
3
2
1
0
W/R
W/R
–
–
–
–
–
–
MODE MODE
00
0
0
0
0
W/R = writable/readable
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
76
5
4
2
1
0
Instruction
Data from MODE Register
High-Impedance
SCK
0
2
34
56
7
1
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com