Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23A512-E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # 23A512-E/ST
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512-E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 23A512-E/ST Datasheet HTML 10Page - Microchip Technology 23A512-E/ST Datasheet HTML 11Page - Microchip Technology 23A512-E/ST Datasheet HTML 12Page - Microchip Technology 23A512-E/ST Datasheet HTML 13Page - Microchip Technology 23A512-E/ST Datasheet HTML 14Page - Microchip Technology 23A512-E/ST Datasheet HTML 15Page - Microchip Technology 23A512-E/ST Datasheet HTML 16Page - Microchip Technology 23A512-E/ST Datasheet HTML 17Page - Microchip Technology 23A512-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
23A512/23LC512
DS20005155B-page 14
 2012-2013 Microchip Technology Inc.
4.0
DUAL AND QUAD SERIAL
MODE
The 23A512/23LC512 also supports SDI (Serial Dual)
and SQI (Serial Quad) mode of operation when used
with compatible master devices. As a convention for
SDI mode of operation, two bits are entered per clock
using the SIO0 and SIO1 pins. Bits are clocked MSB
first.
For SQI mode of operation, four bits of data are entered
per clock, or one nibble per clock. The nibbles are
clocked MSB first.
4.1
Dual Interface Mode
The 23A512/23LC512 supports Serial Dual Input (SDI)
mode of operation. To enter SDI mode the EDIO com-
mand must be clocked in (Figure 4-1). It should be
noted that if the MCU resets before the SRAM, the user
will need to determine the serial mode of operation of
the SRAM and reset it accordingly. Byte read and write
sequence in SDI mode is shown in Figure 4-2 and
Figure 4-3.
FIGURE 4-1:
ENTER SDI MODE (EDIO) FROM SPI MODE
4.2
Quad Interface Mode
In addition to the Serial Dual Interface (SDI) mode of
operation Serial Quad Interface (SQI) is also
supported. In this mode the HOLD functionality is not
available. To enter SQI mode the EQIO command must
be clocked in (Figure 4-4).
SCK
0
2
34
56
7
1
SI
High-Impedance
SO
CS
00
0
111
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com