Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23A512-E/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # 23A512-E/ST
Description  512Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A512-E/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button 23A512-E/ST Datasheet HTML 12Page - Microchip Technology 23A512-E/ST Datasheet HTML 13Page - Microchip Technology 23A512-E/ST Datasheet HTML 14Page - Microchip Technology 23A512-E/ST Datasheet HTML 15Page - Microchip Technology 23A512-E/ST Datasheet HTML 16Page - Microchip Technology 23A512-E/ST Datasheet HTML 17Page - Microchip Technology 23A512-E/ST Datasheet HTML 18Page - Microchip Technology 23A512-E/ST Datasheet HTML 19Page - Microchip Technology 23A512-E/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
23A512/23LC512
DS20005155B-page 16
 2012-2013 Microchip Technology Inc.
FIGURE 4-4:
ENTER SQI MODE (EQIO) FROM SPI MODE
4.3
Exit SDI or SQI Mode
To exit from SDI mode, the RSTIO command must be
issued. The command must be entered in the current
device configuration, either SDI or SQI, see Figure 4-7
and Figure 4-8.
FIGURE 4-5:
BYTE READ MODE SQI
SCK
0
234
56
7
1
SI
High-Impedance
SO
CS
0
0
0
111
0
0
Note:
Page and Sequential mode is similar in that additional bytes can be clocked out before CS is brought high.
Note:
The first byte read after the address will be a dummy byte.
CS
SCK
02
3
4
56
7
1
8
9
1
0
12
8
4
0
SIO0
1
0
13
9
5
1
0
0
0
0
SIO1
SIO2
SIO3
Instruction
16-Bit Address
Dummy Byte
Data Out
14
10
6
2
15
11
7
3
73
6
2
5
1
4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com