Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8552TLE-E04/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE-E04/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE-E04/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8552TLE-E04/NOPB Datasheet HTML 14Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 15Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 16Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 17Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 18Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 19Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 20Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 21Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
OVP
Light
Load
SW
R
R
OCP
Switch
Driver
R
S
R
$
+
-
+
-
Osc/
ramp
gm
-
+
VREF
FB
Boost output
voltage
adjustment
Active Load
Startup
LP8552
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
www.ti.com
8.3.3 Boost Converter
8.3.3.1 Operation
The LP8552 boost DC/DC converter generates a 10-V to 40-V supply voltage for the LEDs from 2.7-V to 22-V
input voltage. The output voltage can be controlled either with EEPROM register bits <VBOOST[4:0]>, or
automatic adaptive voltage control can be used. The converter is a magnetic-switching PWM mode DC/DC
converter with a current limit. The topology of the magnetic boost converter is called CPM (current programmed
mode) control, where the inductor current is measured and controlled with the feedback. Switching frequency is
selectable between 156 kHz and 1.25 MHz with EEPROM bit <BOOST_FREQ[1:0]>. When <EN_BOOST>
EEPROM register bit is set to 1, then boost will activate automatically when backlight is enabled.
In adaptive mode the boost output voltage is adjusted automatically based on LED driver headroom voltage.
Boost output voltage control step size is in this case 125 mV to ensure as small as possible driver headroom and
high efficiency. Enabling the adaptive mode is done with <EN_ADAPT> EEPROM bit. If boost is started with
adaptive mode enabled, then the initial boost output voltage value is defined with the <VBOOST[4:0]> EEPROM
register bits in order to eliminate long output voltage iteration time when boost is started for the first time.
Figure 17 shows the boost topology with the protection circuitry:
Figure 17. Boost Topology with Protection Circuitry
8.3.3.2 Protection
Three different protection schemes are implemented:
1. Overvoltage protection, limits the maximum output voltage.
–
Overvoltage protection limit changes dynamically based on output voltage setting.
–
Keeps the output below breakdown voltage
–
Prevents boost operation if battery voltage is much higher than desired output.
2. Overcurrent protection, limits the maximum inductor current.
3. Duty cycle limiting.
8.3.3.3 Manual Output Voltage Control
User can control the boost output voltage with <VBOOST[4:0]> EEPROM register bits when adaptive mode is
disabled.
VBOOST[4:0]
VOLTAGE (typical)
Bin
Dec
Volts
00000
0
10
00001
1
11
00010
2
12
00011
3
13
00100
4
14
...
...
...
11101
29
39
11110
30
40
18
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com