Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8552TLE-E04/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE-E04/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE-E04/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP8552TLE-E04/NOPB Datasheet HTML 34Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 35Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 36Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 37Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 38Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 39Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 40Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 41Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
LP8552
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
www.ti.com
9.2.1.2.4
Output Diode
A Schottky diode should be used for the output diode. Peak repetitive current should be greater than inductor
peak current (2.5 A) to ensure reliable operation. Average current rating should be greater than the maximum
output current. Schottky diodes with a low forward drop and fast switching speeds are ideal for increasing
efficiency in portable applications. Choose a reverse breakdown voltage of the Schottky diode significantly larger
(approximately 60 V) than the output voltage. Do not use ordinary rectifier diodes, since slow switching speeds
and long recovery times cause the efficiency and the load regulation to suffer.
9.2.1.2.5
Resistors for Setting the LED Current and PWM Frequency
See EEPROM Bit Explanations on how to select values for these resistors.
9.2.1.2.6
Filter Component Values
Optimal components for 60-Hz VSYNC frequency and 4-Hz cut-off frequency of the low-pass filter are shown in
Figure 27, Figure 28, Figure 31, and Figure 32. If a 2-Hz cut-off frequency, that is, slower response time is
desired, filter components are: C1 = 1 μF, C2 = 10 μF and R = 47 kΩ. If different VSYNC frequency or response
time is desired, please contact a TI representative for guidance.
Figure 28. Filter Components
9.2.1.3 Application Curves
Typical Boost and LED Current Waveforms with fLED = 9.6 kHz.
Figure 29. Typical Waveforms
Figure 30. Typical Waveforms
9.2.2 Typical Application for Low Input Voltage
In a single Li-Ion-cell-powered application the internal circuitry of LP8552 can be powered from external 5-V rail.
Boost is powered directly from Li-Ion battery and VLDO and VIN pins are connected to external 5-V rail. Current
draw from the 5-V rail is maximum 10 mA. A separate 5-V rail to VIN/VLDO can be used also in higher input
voltage application to improve efficiency or increase input voltage range above 22 V in some cases. There are no
power sequencing requirement for VIN/VLDO and VBATT other than VBATT must be available when enabling
backlight to prevent a false overcurrent fault.
38
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com