Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8552TLE-E04/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE-E04/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE-E04/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8552TLE-E04/NOPB Datasheet HTML 26Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 27Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 28Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 29Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 30Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 31Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 32Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 33Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
LP8552
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
www.ti.com
Programming sequence (program data permanently from registers to NVM):
1. Turn on the chip by writing BL_CTL bit to 1 and BRT_MODE[1:0] to 10b (05h to address 01h)
2. Write data to EEPROM registers (address A0h…A7h).
3. Write EE_INIT to 1 in address 72h. (04h to address 72h).
4. Write EE_PROG to 1 and EE_INIT to 0 in address 72h. (02h to address 72h).
5. Wait 200 ms.
6. Write EE_PROG to 0 in address 72h. (00h to address 72h).
Read sequence (load data from NVM to registers):
1. Turn on the chip by writing BL_CTL bit to 1 and BRT_MODE[1:0] to 10b (05h to address 01h).
2. Write EE_INIT to 1 in address 72h. (04h to address 72h).
3. Write EE_READ to 1 and EE_INIT to 0 in address 72h. (01h to address 72h).
4. Wait 200 ms.
5. Write EE_READ to 0 in address 72h. (00h to address 72h).
Data written to EEPROM registers is effective immediately even if the EEPROM programming sequence has not
been done. When power is turned off, the device will however lose the data if it is not programmed to the NVM.
During startup device automatically loads the data from NVM to registers.
NOTE
EEPROM NVM can be programmed or read by customer for bench validation.
Programming for production devices should be done in TI production test, where
appropriate checks will be performed to confirm EEPROM validity. Writing to EEPROM
Control register of production devices (for burning or reading EEPROM) is not
recommended. If special EEPROM configuration is required, please contact the TI Sales
Office for availability.
8.6.2 EEPROM Bit Explanations
Table 7. EEPROM Memory Map
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
A0H
eeprom addr 0
CURRENT[7:0]
A1H
eeprom addr 1
BOOST_FREQ[1:0]
EN_PWM_&
TEMP_LIM[1:0]
SLOPE[2:0]
_I_CTRL
A2H
eeprom addr 2
ADAPTIVE_SPEED[1:0]
ADV_SLOP
MODE_25/50
EN_ADAPT
EN_BOOST
BOOST_IMA
I_SLOPE[1]
E
%_SEL
X
A3H
eeprom addr 3
UVLO[1:0]
EN_PSPWM
PWM_FREQ[4:0]
A4H
eeprom addr 4
PWM_RESOLUTION[1:0]
EN_I_RES
LED_FAULT_
I_SLOPE[0]
DRV_HEADR[2:0]
THR
A5H
eeprom addr 5
EN_VSYNC
DITHER[1:0]
VBOOST[4:0]
A6H
eeprom addr 6
PLL[12:5]
A7H
eeprom addr 7
PLL[4:0]
EN_F_RES
HYSTERESIS[1:0]
8.6.2.1 EEPROM Address 0
Address A0h
EEPROM ADDRESS 0 REGISTER
7
6
5
4
3
2
1
0
CURRENT[7:0]
Name
Bit
Access
Description
30
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com