Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8552TLE-E04/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE-E04/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE-E04/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8552TLE-E04/NOPB Datasheet HTML 24Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 25Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 26Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 27Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 28Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 29Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 30Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 31Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
LP8552
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
www.ti.com
Fault register
2_CHANNELS
5
R
LED fault detection
0 = No fault
1 = 2 or more channels have generated either short or open fault. Fault pin is pulled
to GND. Fault is cleared by reading the register 02h or setting EN pin low.
1_CHANNEL
4
R
LED fault detection
0 = No fault
1 = 1 channel has generated either short or open fault. Fault pin is pulled to GND.
Fault is cleared by reading the register 02h or setting EN pin low.
BL_FAULT
3
R
LED fault detection
0 = No fault
1 = LED fault detected. Generated with OR function of all LED faults. Fault pin is
pulled to GND. Fault is cleared by reading the register 02h or setting EN pin low.
OCP
2
R
Over current protection
0 = No fault
1 = Overcurrent detected in boost output. OCP detection block monitors the boost
output, and if the boost output has been too low for more than 50 ms, it will generate
OCP fault and disable the boost. Fault pin is pulled to GND. Fault is cleared by
reading the register 02h or setting EN pin low. After clearing the fault boost will
startup again.
TSD
1
R
Thermal shutdown
0 = No fault
1 = Thermal fault generated, 150°C reached. Boost converted and LED outputs will
be disabled until the temperature has dropped down to 130°C. Fault pin is pulled to
GND. Fault is cleared by reading the register 02h or setting EN pin low.
UVLO
0
R
Undervoltage detection
0 = No fault
1 = Undervoltage detected in VIN pin. Boost converted and LED outputs will be
disabled until VIN voltage is above the threshold voltage. Threshold voltage is set with
EEPROM bits from 3 V to 9 V. Fault pin is pulled to GND. Fault is cleared by reading
the register 02h or setting EN pin low.
8.6.1.4 Identification
Address 03h
Reset value 1111 1100b
IDENTIFICATION REGISTER
7
6
5
4
3
2
1
0
PANEL
MFG[3:0]
REV[2:0]
Name
Bit
Access
Description
PANEL
7
R
Panel ID code
MFG
6:3
R
Manufacturer ID code
REV
2:0
R
Revision ID code
8.6.1.5 Direct Control
Address 04h
Reset value 0000 0000b
DIRECT CONTROL REGISTER
7
6
5
4
3
2
1
0
OUT[6:1]
Name
Bit
Access
Description
28
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com