Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8552TLE-E04/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE-E04/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE-E04/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP8552TLE-E04/NOPB Datasheet HTML 41Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 42Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 43Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 44Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 45Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 46Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 47Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 48Page - Texas Instruments LP8552TLE-E04/NOPB Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
MECHANICAL DATA
YZR0025xxx
www.ti.com
TLA25XXX (Rev D)
0.600±0.075
D
E
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215055/A
12/12
D: Max =
E: Max =
2.49 mm, Min =
2.49 mm, Min =
2.43 mm
2.43 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com