Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFCR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 15Page - Texas Instruments UCD3138128APFCR Datasheet HTML 16Page - Texas Instruments UCD3138128APFCR Datasheet HTML 17Page - Texas Instruments UCD3138128APFCR Datasheet HTML 18Page - Texas Instruments UCD3138128APFCR Datasheet HTML 19Page - Texas Instruments UCD3138128APFCR Datasheet HTML 20Page - Texas Instruments UCD3138128APFCR Datasheet HTML 21Page - Texas Instruments UCD3138128APFCR Datasheet HTML 22Page - Texas Instruments UCD3138128APFCR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
0.00
1.00
2.00
3.00
4.00
5.00
6.00
DPWM
ADC12
Front-end Peak Current
Mode
Timer
Filter
Constant
Power/Constant
Current
SPI
DTC
Module
Control
I2C
GIO
RTC
5.31
0.02
2.50
0.21
0.35
0.36
0.12
0.33
0.20
0.07
0.05
0.52
19
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
tPOR –
The time delay from when VGH is exceeded to when the device comes out of reset.
Brown
Out –
This is the V33A voltage threshold at which the device sets the brown out status bit. In addition an
interrupt can be triggered if enabled.
8.1 Typical Clock Gating Power Savings
The CLKGATECTRL register provides control bits that can enable or disable the clock to several peripherals
such as, PCM, CPCC, digital filters, front ends, DPWMs, UARTs, ADC-12 and more.
By default, all these controls are enabled. If a specific peripheral is not used the clock gate can be disabled in
order to block the propagation of the clock signal to that peripheral and therefore reduce the overall current
consumption of the device. The power savings chart displays the power savings per module. For example there
are 4 DPWM modules, therefore, if all 4 are disabled a total of ~20 mA can be saved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com