Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFCR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 45 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 41Page - Texas Instruments UCD3138128APFCR Datasheet HTML 42Page - Texas Instruments UCD3138128APFCR Datasheet HTML 43Page - Texas Instruments UCD3138128APFCR Datasheet HTML 44Page - Texas Instruments UCD3138128APFCR Datasheet HTML 45Page - Texas Instruments UCD3138128APFCR Datasheet HTML 46Page - Texas Instruments UCD3138128APFCR Datasheet HTML 47Page - Texas Instruments UCD3138128APFCR Datasheet HTML 48Page - Texas Instruments UCD3138128APFCR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
45
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The crystal circuit biasing should be optimized depending on the total Cload on the crystal. Refer to Table 5 for
recommended bias settings based on Cload.
Table 5. Recommended Bias Settings
Cload
BIAS_R SETTING
0~4pF
0
5~7pF
1
8~11pF
2
12~15pF
3
16~20pF
4
9.3.10 Timers
External to the Digital Power Peripherals there are 3 different types of timers in UCD3138xA. They are the 24-bit
timer, 16-bit timer and the watchdog timer
9.3.10.1 24-Bit Timer
There is one 24 bit timer which runs off the Interface Clock. It can be used to measure the time between two
events, and to generate interrupts after a specific interval. Its clock can be divided down by an 8-bit pre-scalar to
provide longer intervals. The timer has two compare registers (Data Registers). Both can be used to generate an
interrupt after a time interval. . Additionally, the timer has a shadow register (Data Buffer register) which can be
used to store CPU updates of the compare events while still using the timer. The selected shadow register
update mode happens after the compare event matches.
The two capture pins TCAP0 and TCAP1 are inputs for recording a capture event. A capture event can be set
either to rising, falling, or both edges of the capture pin signal. Upon this event, the counter value is stored in the
corresponding capture data register. Five Interrupts from the 24 bit timer can be set, which are the counter
rollover event (overflow), capture events 0 and 1, and the two comparison match events. Each interrupt can be
disabled or enabled.
9.3.10.2 16-Bit PWM Timers
There are four 16 bit counter PWM timers which run off the Interface Clock and can further be divided down by a
8-bit pre-scaler to generate slower PWM time periods. Each timer has two compare registers (Data Registers) for
generating the PWM set/unset events. Additionally, each timer has a shadow register (Data Buffer register)
which can be used to store CPU updates of compare events while still using the timer. The selected shadow
register update mode happens after the compare event matches.
The counter reset can be configured to happen on a counter roll over, a compare equal event, or by a software
controlled register. Interrupts from the PWM timer can be set due to the counter rollover event (overflow) or by
the two comparison match events. Each comparison match and the overflow interrupts can be disabled or
enabled.
Upon an event comparison, the PWM pin can be configured to set, clear, toggle or have no action at the output.
The value of PWM pin output can be read for status or simply configured as General Purpose I/O for reading the
value of the input at the pin.
9.3.10.3 Watchdog Timer
A watchdog timer is provided on the device for ensuring proper firmware loop execution. The timer is clocked off
of a separate low speed oscillator source. If the timer is allowed to expire, a reset condition is issued to the ARM
processor. The watchdog is reset by a simple CPU write bit to the watchdog key register by the firmware routine.
On device power-up the watchdog is disabled. Yet after it is enabled, the watchdog cannot be disabled by
firmware. Only a device reset can put this bit back to the default disabled state. A half timer flag is also provided
for status monitoring of the watchdog.
9.3.11 General Purpose ADC12
The ADC12 is a 12 bit, high speed analog to digital converter, equipped with the following options:
•
Typical conversion speed of 539 ksps
•
Conversions can consist from 1 to 16 ADC channel conversions in any desired sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com