Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFCR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 24 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 20Page - Texas Instruments UCD3138128APFCR Datasheet HTML 21Page - Texas Instruments UCD3138128APFCR Datasheet HTML 22Page - Texas Instruments UCD3138128APFCR Datasheet HTML 23Page - Texas Instruments UCD3138128APFCR Datasheet HTML 24Page - Texas Instruments UCD3138128APFCR Datasheet HTML 25Page - Texas Instruments UCD3138128APFCR Datasheet HTML 26Page - Texas Instruments UCD3138128APFCR Datasheet HTML 27Page - Texas Instruments UCD3138128APFCR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
24
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Table 3. Interrupt Priority Table
NAME
MODULE COMPONENT OR
REGISTER
DESCRIPTION
PRIORITY
BRN_OUT_INT
Brownout
Brownout interrupt
0 (Lowest)
EXT_INT
External Interrupts
Interrupt on external input pin
1
WDRST_INT
Watchdog Control
Interrupt from watchdog exceeded (reset)
2
WDWAKE_INT
Watchdog Control
Wake-up interrupt when watchdog equals half of set watch
time
3
SCI_ERR_INT
UART or SCI Control
UART or SCI error Interrupt. Frame, parity or overrun
4
SCI_RX_0_INT
UART or SCI Control
UART0 RX buffer has a byte
5
SCI_TX_0_INT
UART or SCI Control
UART0 TX buffer empty
6
SCI_RX_1_INT
UART or SCI Control
UART1 RX buffer has a byte
7
SCI_TX_1_INT
UART or SCI Control
UART1 TX buffer empty
8
PMBUS_INT
PMBus
PMBus related interrupt
9
DIG_COMP_SPI_I2C_INT 12-bit ADC Control, SPI, I2C
Digital comparator, SPI and I2C interrupt
10
FE0_INT
Front End 0
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
11
FE1_INT
Front End 1
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
12
FE2_INT
Front End 2
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
13
PWM3_INT
16-bit Timer PWM 3
16-bit Timer PWM3 counter overflow or compare interrupt
14
PWM2_INT
16-bit Timer PWM 2
16-bit Timer PWM2 counter Overflow or compare interrupt
15
PWM1_INT
16-bit Timer PWM 1
16-bit Timer PWM1 counter overflow or compare interrupt
16
PWM0_INT
16-bit timer PWM 0
16-bit Timer PWM0 counter overflow or compare interrupt
17
OVF24_INT
24-bit Timer Control
24-bit Timer counter overflow interrupt
18
CAPTURE1_DTC_INT
24 bit Timer Control or DTC
24 bit Timer capture 1 interrupt or DTC fault interrupt
19
COMP_1_INT
24-bit Timer Control
24-bit Timer compare 1 interrupt
20
CAPTURE_0_INT
24-bit Timer Control
24-bit Timer capture 0 interrupt
21
COMP_0_INT
24-bit Timer Control
24-bit Timer compare 0 interrupt
22
CPCC_RTC_INT
Constant Power Constant Current
or Real Time Clock Output
Mode switched in CPCC module Flag needs to be read for
details. RTC timer output generates an interrupt.
23
ADC_CONV_INT
12-bit ADC Control
ADC end of conversion interrupt
24
FAULT_INT
Fault Mux Interrupt
Analog comparator interrupts, Over-Voltage detection,
Under-Voltage detection,
LLM load step detection
25
DPWM3
DPWM3
Same as DPWM1
26
DPWM2
DPWM2
Same as DPWM1
27
DPWM1
DPWM1
1) Every (1-256) switching cycles
2) Fault Detection
3) Mode switching
28
DPWM0
DPWM0
Same as DPWM1
29
EXT_FAULT_INT
External Faults
Fault pin interrupt
30
SYS_SSI_INT
System Software
System software interrupt
31 (highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com