Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFCR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 23Page - Texas Instruments UCD3138128APFCR Datasheet HTML 24Page - Texas Instruments UCD3138128APFCR Datasheet HTML 25Page - Texas Instruments UCD3138128APFCR Datasheet HTML 26Page - Texas Instruments UCD3138128APFCR Datasheet HTML 27Page - Texas Instruments UCD3138128APFCR Datasheet HTML 28Page - Texas Instruments UCD3138128APFCR Datasheet HTML 29Page - Texas Instruments UCD3138128APFCR Datasheet HTML 30Page - Texas Instruments UCD3138128APFCR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
27
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The output of the filter feeds the high resolution DPWM module. The DPWM module produces the pulse width
modulated outputs for the power stage switches. The compensator calculates the duty ratio as a 24-bit number in
Q23 fixed point format (23 bit integer with 1 sign bit). This represents a value within the range 0.0 to 1.0. This
duty ratio value is used to generate the corresponding DPWM output ON time. The resolution of the DPWM ON
time is 250 psec.
Each DPWM module can be synchronized to another module or to an external sync signal. An input SYNC signal
causes a DPWM ramp timer to reset. The SYNC signal outputs—from each of the four DPWM modules—occur
when the ramp timer crosses a programmed threshold. In this way the phase of the DPWM outputs for multiple
power stages can be tightly controlled.
The DPWM logic is probably the most complex of the Digital Peripherals. It receives the output of the
compensator and converts it into the correct DPWM output for several power supply topologies. It provides for
programmable dead times and cycle adjustments for current balancing between phases. It controls the triggering
of the EADC. It can synchronize to other DPWMs or to external sources. It can provide synchronization
information to other DPWMs or to external recipients. In addition, it interfaces to several fault handling circuits.
Some of the control for these fault handling circuits is in the DPWM registers. Fault handling is covered in the
Fault Mux section.
Each DPWM module supports the following features:
•
Dedicated 14 bit time-base with period and frequency control
•
Shadow period register for end of period updates.
•
Quad-event control registers (A and B, rising and falling) (Events 1 to 4)
–
Used for on/off DPWM duty ratio updates.
•
Phase control relative to other DPWM modules
•
Sample trigger placement for output voltage sensing at any point during the DPWM cycle.
•
Support for two independent edge placement DPWM outputs (same frequency or period setting)
•
Dead-time between DPWM A and B outputs
•
High Resolution capabilities – 250 ps
•
Pulse cycle adjustment of up to ±8.192 µs (32768 × 250 ps)
•
Active high/ active low output polarity selection
•
Provides events to trigger both CPU interrupts and start of ADC12 conversions.
The DPWM is a complex logic system which is highly configurable to support different power supply topologies.
For details about the DPWM operation modes, refer to Device Functional Modes.
9.3.2.1.3
DPWM Events
Each DPWM can control the following timing events:
1. Sample Trigger Count–This register defines where the error voltage is sampled by the EADC in relationship
to the DPWM period. The programmed value set in the register should be one fourth of the value calculated
based on the DPWM clock. The clock controlling the circuitry runs at one fourth of the DPWM clock (PCLK =
250 MHz max). When this sample trigger count is equal to the DPWM Counter, it initiates a front end
calculation by triggering the EADC, resulting in a CLA calculation, and a DPWM update. Oversampling can
be set for 2, 4, or 8 times the sampling rate.
2. Phase Trigger Count – count offset for slaving another DPWM (Multi-Phase/Interleaved operation).
3. Period – low resolution switching period count. (count of PCLK cycles)
4. Event 1 – count offset for rising DPWM A event. (PCLK cycles)
5. Event 2 – DPWM count for falling DPWM A event that sets the duty ratio. Last 4 bits of the register are for
high resolution control. Upper 14 bits are the number of PCLK cycle counts.
6. Event 3 – DPWM count for rising DPWM B event. Last 4 bits of the register are for high resolution control.
Upper 14 bits are the number of PCLK cycle counts.
7. Event 4 – DPWM count for falling DPWM B event. Last 4 bits of the register are for high resolution control.
Upper 14 bits are the number of PCLK cycle counts.
8. Cycle Adjust – Constant offset for Event 2 and Event 4 adjustments.
Basic comparisons between the programmed registers and the DPWM counter can create the desired edge
placements in the DPWM. High resolution edge capability is available on Events 2, 3, and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com