Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128APFCR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128APFCR
Description  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFCR Datasheet(HTML) 40 Page - Texas Instruments

Back Button UCD3138128APFCR Datasheet HTML 36Page - Texas Instruments UCD3138128APFCR Datasheet HTML 37Page - Texas Instruments UCD3138128APFCR Datasheet HTML 38Page - Texas Instruments UCD3138128APFCR Datasheet HTML 39Page - Texas Instruments UCD3138128APFCR Datasheet HTML 40Page - Texas Instruments UCD3138128APFCR Datasheet HTML 41Page - Texas Instruments UCD3138128APFCR Datasheet HTML 42Page - Texas Instruments UCD3138128APFCR Datasheet HTML 43Page - Texas Instruments UCD3138128APFCR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
FAULT - CBC
FAULT - AB
FAULT -A
DCOMP – 4X
EXT GPIO– 4X
ACOMP – 7X
FAULT -B
FAULT MODULE
FAULT MODULE
FAULT MODULE
CYCLE BY CYCLE
AB FLAG
AB FLAG
A FLAG
B FLAG
FAULT MUX
ALL_FAULT_EN
DPWM _EN
DPWM
CBC_FAULT_EN
CBC_PWM _AB_EN
FAULT MODULE
ANALOG PCM
Bit 20 in DPWMCTRL0
Bit30 in DPWMFLTCTRL
Bit 31 in DPWMFLTCTRL
Bit 0 in DPWMCTRL0
DISABLE PWM A AND B
DISABLE PWM A AND B
DISABLE PWM A ONLY
DISABLE PWM B ONLY
40
UCD3138128A
SLUSC99 – JULY 2016
www.ti.com
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 26. Fault Mux Module
The Fault Mux Module provides a multitude of fault protection functions within the UCD3138xA high-speed loop
(Front End Control, Filter, DPWM and Loop Mux modules). The Fault Mux Module allows highly configurable
fault generation based on digital comparators, high-speed analog comparators and external fault pins. Each of
the fault inputs to the DPWM modules can be configured to one or any combination of the fault events provided
in the Fault Mux Module.
Each one of the DPWM engines has four fault modules. The modules are called CBC fault module, AB fault
module, A fault module and B fault module.
The internal circuitry in all the four fault modules is identical, and the difference between the modules is limited to
the way the modules are attached to the DPWMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com