Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F241FN Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 93Page - Texas Instruments TMS320F241FN Datasheet HTML 94Page - Texas Instruments TMS320F241FN Datasheet HTML 95Page - Texas Instruments TMS320F241FN Datasheet HTML 96Page - Texas Instruments TMS320F241FN Datasheet HTML 97Page - Texas Instruments TMS320F241FN Datasheet HTML 98Page - Texas Instruments TMS320F241FN Datasheet HTML 99Page - Texas Instruments TMS320F241FN Datasheet HTML 100Page - Texas Instruments TMS320F241FN Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
TMS320F243,TMS320F241
DSP CONTROLLERS
SPRS064D − DECEMBER 1997 − REVISED FEBRUARY 2006
97
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
external memory interface read timings
switching characteristics over recommended operating conditions for an external memory
interface read (see Figure 37)
PARAMETER
MIN
MAX
UNIT
td(COL−CNTL)
Delay time, CLKOUT low to control valid
3
ns
td(COL−CNTH) Delay time, CLKOUT low to control inactive
3
ns
td(COL−A)RD
Delay time, CLKOUT low to address valid
5
ns
td(COH−RDL)
Delay time, CLKOUT high to RD strobe active
4
ns
td(COL−RDH)
Delay time, CLKOUT low to RD strobe inactive high
−4
0
ns
td(COL−SL)
Delay time, CLKOUT low to STRB strobe active low
3
ns
td(COL−SH)
Delay time, CLKOUT low to STRB strobe inactive high
3
ns
th(A)COL
Hold time, address valid after CLKOUT low
−4
ns
tsu(A)RD
Setup time, address valid before RD strobe active low
22
ns
th(A)RD
Hold time, address valid after RD strobe inactive high
−1
ns
timing requirements [H = 0.5tc(CO)] (see Figure 37)
MIN
MAX
UNIT
ta(A)
Access time, read data from address valid
2H−20
ns
tsu(D)RD
Setup time, read data before RD strobe inactive high
12
ns
th(D)RD
Hold time, read data after RD strobe inactive high
0
ns
th(AIV-D)
Hold time, read data after address invalid
−3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com