| Electronic Components Datasheet Search |
|
MCP19116-E/MJ Datasheet(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19116-E/MJ Datasheet(HTML) 90 Page - Microchip Technology |
|
90 / 246 page ![]() MCP19116/7 DS20005479B-page 90 2015-2016 Microchip Technology Inc. 11.3.1 OPTION_REG REGISTER The OPTION_REG register is a readable and writable register, which contains various control bits to configure: • Timer0/WDT prescaler • External GPA2/INT interrupt •Timer0 • Weak pull-ups on PORTGPA and PORTGPB Note: To achieve a 1:1 prescaler assignment for Timer0, assign the prescaler to the WDT by setting PSA bit to ‘1’ in the OPTION_REG register. Refer to Section 23.1.3 “Software Programma- ble Prescaler”. REGISTER 11-2: OPTION_REG: OPTION REGISTER R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 RAPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR x = Bit is unknown ‘0’ = Bit is cleared ‘1’ = Bit is set bit 7 RAPU: Port GPx Pull-Up Enable bit (1) 1 = Port GPx pull-ups are disabled 0 = Port GPx pull-ups are enabled bit 6 INTEDG: Interrupt Edge Select bit 1 = Interrupt on rising edge of INT pin 0 = Interrupt on falling edge of INT pin bit 5 T0CS: TMR0 Clock Source Select bit 1 = Transition on T0CKI pin 0 = Internal instruction cycle clock bit 4 T0SE: TMR0 Source Edge Select bit 1 = Increment on high-to-low transition on T0CKI pin 0 = Increment on low-to-high transition on T0CKI pin bit 3 PSA: Prescaler Assignment bit 1 = Prescaler is assigned to WDT 0 = Prescaler is assigned to the Timer0 module bit 2-0 PS<2:0>: Prescaler Rate Select bits Note 1: Individual WPUx bit must also be enabled. Bit Value TMR0 Rate WDT Rate 000 1: 2 1: 1 001 1: 4 1: 2 010 1: 8 1: 4 011 1: 16 1: 8 100 1: 32 1: 16 101 1: 64 1: 32 110 1: 128 1: 64 111 1: 256 1: 128 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |