Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19110-E/MJ Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP19110-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 30Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 31Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 32Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 33Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 34Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 35Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 36Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 37Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 226 page
background image
MCP19110/11
DS20002331D-page 34
 2013-2016 Microchip Technology Inc.
FIGURE 5-7:
A/D CONVERSION TIMING (NORMAL MODE)
TABLE 5-7:
MCP19110/11 A/D CONVERSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ.†
Max. Units
Conditions
AD130* TAD
A/D Clock Period
3.0
—
9.0
µs
TOSC-based, VDD = 5.0V
A/D Internal RC Oscillator
Period
1.6
4.0
6.0
µs
At VDD = 5.0V
AD131
TCNV Conversion Time
(not including Acquisition
Time)(1)
—11
—
TAD Set GO/DONE bit to new data in
A/D Result register
AD132* TACQ Acquisition Time
11.5
—
µs
AD133* TAMP Amplifier Settling Time
—
—
5
µs
AD134
TGO
Q4 to A/D Clock Start
—
—
TOSC/2
TOSC/
2+TCY
—
—
—
—
If the A/D clock source is selected
as RC, a time of TCY is added
before the A/D clock starts. This
allows the SLEEP instruction to be
executed.
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at VIN =12V (VDD = 5V), +25°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1: ADRESH and ADRESL registers may be read on the following TCY cycle.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
98
7
3
2
1
0
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This
allows the SLEEP instruction to be executed.
1/2 TCY
6
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com