Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19110-E/MJ Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP19110-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 49Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 50Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 51Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 52Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 53Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 54Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 51
MCP19110/11
6.14
Analog Blocks Enable Control
Various analog circuit blocks can be enabled or
disabled, as shown in Register 6-15. Additional enable
bits are located in the ATSTCON register.
6.14.1
OUTPUT OVERVOLTAGE ENABLE
The output overvoltage is enabled by setting the
ABECON<OVDCEN> bit. Clearing this bit will disable
the output overvoltage circuitry and cause the setting in
the OOVCON register to be ignored.
6.14.2
OUTPUT UNDERVOLTAGE ENABLE
The output undervoltage is enabled by setting the ABE-
CON<UVDCEN> bit. Clearing this bit will disable the
output undervoltage circuitry and cause the setting in
the OUVCON register to be ignored.
6.14.3
RELATIVE EFFICIENCY
MEASUREMENT CONTROL
Section 10.0 “Relative Efficiency Measurement”
describes the procedure used to measure the relative
efficiency
of
the
system.
Setting
the
ABECON<MEASEN>
bit
initiates
the
relative
measurement.
6.14.4
SLOPE COMPENSATION CONTROL
The slope compensation described in Register 6-7 can
be bypassed by setting the ABECON<SLCPBY> bit.
Under normal operation, this bit will always be set.
6.14.5
CURRENT MEASUREMENT
CONTROL
The peak current measurement circuitry is controlled
by the ABECON<CRTMEN> bit. Setting this bit
enables the current measurement circuitry. Under
normal operation, this bit will be set.
6.14.6
INTERNAL TEMPERATURE
MEASUREMENT CONTROL
The internal temperature of the silicon can be
measured with the ADC. To enable the internal
temperature
measurement
circuitry,
the
ABECON<TMPSEN> bit must be set.
6.14.7
RELATIVE EFFICIENCY CIRCUITY
CONTROL
Section 10.0 “Relative Efficiency Measurement”
describes the procedure used to measure the relative
efficiency
of
the
system.
Setting
the
ABECON<RECIREN>
bit
enables
the
relative
efficiency measurement circuitry.
6.14.8
SIGNAL CHAIN CONTROL
Setting the ABECON<PATHEN> bit enables the
voltage control path. Under normal operation, this bit is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com