Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19110-E/MJ Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP19110-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 85Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 86Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 87Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 88Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 89Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 90Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 89
MCP19110/11
TABLE 14-3:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h/
100h/180h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h/101h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h/
102h/182h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h/
103h/183h
0001 1xxx
000q quuu(4)
uuuq quuu(4)
FSR
04h/84h/
104h/184h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTGPA
05h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTGPB
06h
xxx- xxxx
uuu- uuuu
uuu- uuuu
PIR1
07h
-000 --00
-000 --00
-uuu --uu
PIR2
08h
0-00 --00
0-00 --00
u-uu --uu
PCON
09h
---- -qq-
---- -uu-
---- -uu-
PCLATH
0Ah/8Ah/
10Ah/18Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh/
10Bh/18Bh
0000 000x
0000 000u
uuuu uuuu(2)
TMR1L
0Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Dh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
0Eh
--00 --00
--uu --uu
--uu --uu
TMR2
0Fh
0000 0000
uuuu uuuu
uuuu uuuu
T2CON
10h
---- -000
---- -000
---- -uuu
PR2
11h
1111 1111
1111 1111
uuuu uuuu
PWMPHL
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PWMPHH
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PWMRL
15h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PWMRH
16h
xxxx xxxx
uuuu uuuu
uuuu uuuu
OVCCON
19h
0000 0000
0000 0000
uuuu uuuu
OVFCON
1Ah
0--0 0000
0--0 0000
u--u uuuu
OSCTUNE
1Bh
---0 0000
---0 0000
---u uuuu
ADRESL(1)
1Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESH(1)
1Dh
---- --xx
---- --uu
---- ---uu
ADCON0(1)
1Eh
-000 0000
-000 0000
-uuu uuuu
ADCON1(1)
1Fh
-000 ----
-000 ----
-uuu ----
OPTION_REG
81h/181h
1111 1111
1111 1111
uuuu uuuu
TRISGPA
85h
1111 1111
1111 1111
uuuu uuuu
TRISGPB
86h
1111 1111
1111 1111
uuuu uuuu
Legend:
u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com