Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19110-E/MJ Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP19110-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 60Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 61Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 62Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 63Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 64Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 65Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 66Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 226 page
background image
MCP19110/11
DS20002331D-page 64
 2013-2016 Microchip Technology Inc.
9.6
Calibration Word 6
The DIFF<7:0> bits at memory location 2086h contain
the offset voltage information for the output voltage
difference amplifier. The value is an 8-bit two’s
complement number that represents the number of the
OVFCON counts needed to adjust for the differential
amplifier offset. This value can be used to completely
remove the differential amplifier offset.
For example, the offset of the differential amplifier is
measured to be +4.2 mV. Since one OVFCON count
equals 0.7 mV, this represents six counts of the
OVFCON register. Therefore the value stored at
location 2086h would be 0x06h, where clearing the
DIFF7 bit represents a positive number.
REGISTER 9-6:
CALWD6: CALIBRATION WORD 6 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
DIFF7
DIFF6
DIFF5
DIFF4
DIFF3
DIFF2
DIFF1
DIFF0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-8
Unimplemented: Read as ‘0’
bit 7-0
DIFF<7:0>: OVFCON counts to adjust for differential amplifier offset calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com