Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19110-E/MJ Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP19110-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110-E/MJ Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP19110-E/MJ Datasheet HTML 13Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19110-E/MJ Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 17
MCP19110/11
3.0
FUNCTIONAL DESCRIPTION
3.1
Linear Regulators
Two internal linear regulators generate two 5V rails.
One 5V rail is used to provide power for the internal
analog circuitry and is contained on-chip. The second
5V rail provides power to the internal PIC core and it is
present on the VDD pin. It is recommended that a 1 µF
capacitor be placed between VDD and PGND.
The VDR pin provides power to the internal
synchronous MOSFET driver. VDD can be directly
connected to VDR or connected through a low-pass RC
filter to provide noise filtering. A 1 µF ceramic bypass
capacitor should be placed between VDR and PGND.
When connecting VDD to VDR, the gate drive current
required to drive the external MOSFETs must be added
to the MCP19110/11 quiescent current, IQ(max). This
total current must be less than the maximum current,
IDD-OUT, available from VDD that is specified in
Section 4.2 “Electrical Characteristics”.
EQUATION 3-1:
TOTAL REGULATOR
CURRENT
EQUATION 3-2:
GATE DRIVE CURRENT
Alternatively, an external regulator can be used to
power the synchronous driver. An external 5V source
can be connected to VDR. The amount of current
required from this external source can be found in
Equation 3-2. Care must be taken that the voltage
applied to VDR does not exceed the maximum ratings
found
in
Section 4.1
“Absolute
Maximum
Ratings (†)”.
3.2
Internal Synchronous Driver
The internal synchronous driver is capable of driving
two N-Channel MOSFETs in a synchronous rectified
buck converter topology. The gate of the floating
MOSFET is connected to the HDRV pin. The source of
this MOSFET is connected to the PHASE pin. The
HDRV pin source and sink current is configurable. By
setting the DRVSTR bit in the PE1 register, the high-
side is capable of sourcing and sinking a peak current
of 1A. By clearing this bit, the source and sink peak
current is 2A.
The MOSFET connected to the LDRV pin is not
floating. The low-side MOSFET gate is connected to
the LDRV pin and the source of this MOSFET is
connected to PGND. The drive strength of the LDRV pin
is not configurable. This pin is capable of sourcing a
peak current of 2A. The peak sink current is 4A. This
helps keep the low-side MOSFET off when the
high-side MOSFET is turning on.
3.2.1
MOSFET DRIVER DEAD TIME
The MOSFET driver dead time is defined as the time
between one drive signal going low and the
complimentary drive signal going high. Refer to
Figure 6-2. The MCP19110/11 has the capability to
adjust both the high-side and low-side driver dead time
independently. The adjustment of the driver dead time
is controlled by the DEADCON register and is
adjustable in 4 ns increments.
3.2.2
MOSFET DRIVER CONTROL
The MCP19110/11 has the ability to disable the entire
synchronous driver or just one side of the synchronous
drive signal. The bits that control the MOSFET driver
can be found in the Register 8-1.
By
setting
ATSTCON<DRVDIS>,
the
entire
synchronous driver is disabled. The HDRV and LDRV
signals are set low and the PHASE pin is floating.
Clearing this bit allows normal operation.
Individual control of the HDRV or LDRV signal is
accomplished by setting or clearing the HIDIS or
LODIS bits in the ATSTCON register. When either
driver is disabled, the output signal is set low.
IDD OUT
–
IQ IDRIVE IEXT
++

>
Where:
-IDD-OUT is the total current available from VDD
-IQ is the device quiescent current
-IDRIVE is the current required to drive the
external MOSFETs
-IEXT is the amount of current used to power
additional external circuitry.
IDRIVE
QgHIGH QgLOW
+
 F
SW
=
Where:
-IDRIVE is the current required to drive the
external MOSFETs
-QgHIGH is the total gate charge of the
high-side MOSFET
-QgLOW is the total gate charge of the
low-side MOSFET
-FSW is the switching frequency
Note 1: The PE1<DRVSTR> bit configures the
peak source/sink current of the HDRV
pin.
Note 1: Refer to Figure 1-1 for a graphical
representation
of
the
MOSFET
connections.
Note 1: The DEADCON register controls the
amount of dead time added to the HDRV
or LDRV signal. The dead time circuitry is
enabled by the LDLYBY and HDLYBY
bits in the PE1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com