Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2221-I/P
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP2221-I/P Datasheet HTML 1Page - Microchip Technology MCP2221-I/P Datasheet HTML 2Page - Microchip Technology MCP2221-I/P Datasheet HTML 3Page - Microchip Technology MCP2221-I/P Datasheet HTML 4Page - Microchip Technology MCP2221-I/P Datasheet HTML 5Page - Microchip Technology MCP2221-I/P Datasheet HTML 6Page - Microchip Technology MCP2221-I/P Datasheet HTML 7Page - Microchip Technology MCP2221-I/P Datasheet HTML 8Page - Microchip Technology MCP2221-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 3
MCP2221
1.0
FUNCTIONAL DESCRIPTION
The MCP2221 is a USB-to-UART serial converter that
enables USB connectivity in applications that have
UART and/or I2C interfaces. The device reduces
external
components
by
integrating
the
USB
termination resistors and the oscillator needed for USB
operation.
The MCP2221 has four GP pins for miscellaneous
functionalities (including GPIO, USBCFG, SSPND,
Clock Output, ADC, DAC and interrupt detector).
See Table 1-1 and Section 1.7 “Pin Mux Module” for
details about the pin functions.
TABLE 1-1:
PINOUT DESCRIPTION
Pin
Name
PDIP,
SOIC,
SSOP
QFN
Pin
Type
Standard Function
Alternate Functions
GP0
2
1
I/O General-purpose I/O or alternate
function pin
SSPND (OUT)
LED_URX (OUT)
Signals when the host has
entered Suspend mode
UART RX LED activity output
(factory default)
GP1
3
2
I/O General-purpose I/O or alternate
function pin
CLKR (OUT)
ADC1 (IN)
LED_UTX (OUT)
IOC (IN)
Clock Reference Output
ADC Channel 1
UART TX Led activity output
(factory default)
External interrupt edge detector
RST
4
3
I
Reset input (with internal pull-up) N/A
URX
54
I
UART RX pin (input)
N/A
UTX
65
O
UART TX pin (output)
N/A
GP2
7
6
I/O General-purpose I/O or alternate
function pin
USBCFG (OUT)
ADC2 (IN)
DAC1 (OUT)
USB device configured status
(factory default)
ADC Channel 2
DAC Output 1
GP3
8
7
I/O General-purpose I/O or alternate
function pin
LED_I2C (OUT)
ADC3 (IN)
DAC2 (OUT)
USB-I2C traffic indicator (factory
default)
ADC Channel 3
DAC Output 2
SDA
9
8
I/O I2C Data line
N/A
SCL
10
9
I/O I2C Clock line
N/A
VUSB
11
10
USB USB Power pin (internally
connected to 3.3V)
Should be locally bypassed with
a high-quality ceramic capacitor
D-
12
11
USB USB D-
D+
13
12
USB USB D+
VSS
14
13
P
Ground
NC
—
14
15
—
Not Connected
VDD
116
P
Power
EP
—
17
—
Exposed Thermal Pad (EP)
Do not electrically connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com