Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/P Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2221-I/P
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2221-I/P Datasheet HTML 14Page - Microchip Technology MCP2221-I/P Datasheet HTML 15Page - Microchip Technology MCP2221-I/P Datasheet HTML 16Page - Microchip Technology MCP2221-I/P Datasheet HTML 17Page - Microchip Technology MCP2221-I/P Datasheet HTML 18Page - Microchip Technology MCP2221-I/P Datasheet HTML 19Page - Microchip Technology MCP2221-I/P Datasheet HTML 20Page - Microchip Technology MCP2221-I/P Datasheet HTML 21Page - Microchip Technology MCP2221-I/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MCP2221
DS20005292B-page 18
 2015 Microchip Technology Inc.
1.6.2.3
3.3V Self-Powered
Typically, many embedded applications are using 3.3V
power supplies. When such option is available in the
target system, MCP2221 can be powered up from the
existing 3.3V power supply rail. The typical connections
for MCP2221 are shown in Figure 1-5.
In this example, MCP2221 has both VDD and VUSB
lines tied to the 3.3V rail. These tied connections
disable the internal USB transceiver LDO of the
MCP2221 to regulate the power supply on the VUSB
pin. Another consequence is that the ‘1’ logical level on
the GPIO pins will be at the 3.3V level, in accordance
with the variations specified in Section 4.1 “DC
Characteristics”.
1.6.2.4
Remote Wake-Up Capability
The MCP2221 offers a mechanism for triggering a
remote wake-up event for the USB host. The remote
wake-up trigger works only with the external interrupt
detector.
In order to use this capability, GP1 must be designated
for interrupt detection operation. Before the USB host
goes into Sleep/Standby, the interrupt detector must be
set up for detecting positive edges, negative edges or
both; also, the detector flag must be cleared. After
these conditions are met, the USB host can go into
Sleep/Standby mode and it will be awakened whenever
an external signal on GP1 triggers the interrupt
detector.
FIGURE 1-5:
USING AN EXTERNALLY
PROVIDED 3.3V POWER
SUPPLY
1.7
Pin Mux Module
The Pin Mux module offers multiple functionalities for
the GP pins.
1.7.1
CONFIGURABLE PIN FUNCTIONS
The pins can be configured as:
• GPIO – individually configurable general-purpose
input or output
• SSPND – USB Suspend state
• USBCFG – indicates USB configuration status
• LED_URX – indicates UART receive traffic (when
seen from the MCP2221)
• LED_UTX – indicates UART transmit traffic (when
seen from the MCP2221)
• LED_I2C – indicates I2C traffic
• ADC1/2/3 – analog inputs connected to the
internal 10-bit ADC
• DAC1/2 – analog outputs connected to the same
5-bit DAC
• CLKR – digital clock output (the nominal value is
12 MHz, but other values are possible)
• IOC – external interrupt detector
1.7.1.1
GPIO Pin Function
When the GPIO pin function is enabled for a given
GP(n) pin, it will operate as a digital input or an output
pin. When configured as a digital output, its value is
controlled through the USB HID commands. When
configured as a digital input, its logic value is read using
USB HID commands.
1.7.1.2
SSPND Pin Function
The SSPND pin (if enabled) reflects the USB state
(Suspend/Resume).
The
pin
is
active
low
(factory-default setting; see the CHIPSETTING0
register for more details) when the Suspend state has
been issued by the USB host. Likewise, the pin drives
high after the Resume state is achieved.
This pin allows the application to go into Low Power
mode when USB communication is suspended and
switches to a full active state when USB activity is
resumed.
1.7.1.3
USBCFG Pin Function
The USBCFG pin (if enabled) starts out low (factory
default setting; see the CHIPSETTING0 register for
more details) during Power-Up or after Reset and goes
high after the device successfully configures to the
USB. The pin will go low when in Suspend mode and
high when the USB resumes.
LDO
3.3V
D+
VDD
VUSB
D-
IN
OUT
5V (USB Bus)
or external
power supply
External
USB
Transceiver
3.3V
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com