Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221-I/P Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP2221-I/P
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/P Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP2221-I/P Datasheet HTML 59Page - Microchip Technology MCP2221-I/P Datasheet HTML 60Page - Microchip Technology MCP2221-I/P Datasheet HTML 61Page - Microchip Technology MCP2221-I/P Datasheet HTML 62Page - Microchip Technology MCP2221-I/P Datasheet HTML 63Page - Microchip Technology MCP2221-I/P Datasheet HTML 64Page - Microchip Technology MCP2221-I/P Datasheet HTML 65Page - Microchip Technology MCP2221-I/P Datasheet HTML 66Page - Microchip Technology MCP2221-I/P Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 63
MCP2221
4.2
AC Characteristics
4.2.1
TIMING PARAMETER SYMBOLOGY
The timing parameter symbols have been created in
one of the following formats:
4.2.2
TIMING CONDITIONS
The operating temperature and voltage specified in
Table 4-3 apply to all timing specifications, unless
otherwise noted. Figure 4-2 specifies the load
conditions for the timing specifications.
TABLE 4-3:
TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
FIGURE 4-2:
LOAD CONDITIONS
FOR DEVICE TIMING
SPECIFICATIONS
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
E
Error
Lowercase letters (pp) and their meanings:
pp
io
Input or Output pin
osc
Oscillator
rx
Receive
tx
Transmit
bitclk
RX/TX BITCLK
RST
Reset
drt
Device Reset Timer
Uppercase letters and their meanings:
S
FFall
P
Period
HHigh
R
Rise
I
Invalid (high-impedance)
V
Valid
L
Low
Z
High-impedance
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40
C  TA  +85C
Operating voltage VDD range as described in DC spec,
Section 4.1 “DC Characteristics”.
50 pF
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com